Electronic Components Datasheet Search
  English  ▼

X  

LM231 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM231
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM231 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM231 Datasheet HTML 11Page - Texas Instruments LM231 Datasheet HTML 12Page - Texas Instruments LM231 Datasheet HTML 13Page - Texas Instruments LM231 Datasheet HTML 14Page - Texas Instruments LM231 Datasheet HTML 15Page - Texas Instruments LM231 Datasheet HTML 16Page - Texas Instruments LM231 Datasheet HTML 17Page - Texas Instruments LM231 Datasheet HTML 18Page - Texas Instruments LM231 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LM231, LM331
www.ti.com
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
9.3 System Examples
9.3.1 F-to-V Converters
In these applications, a pulse input at fIN is differentiated by a C-R network and the negative-going edge at pin 6
causes the input comparator to trigger the timer circuit. Just as with a V-to-F converter, the average current
flowing out of pin 1 is IAVERAGE = i × (1.1 RtCt) × f.
In the simple circuit of Figure 18, this current is filtered in the network RL = 100 kΩ and 1 μF. The ripple will be
less than 10-mV peak, but the response will be slow, with a 0.1 second time constant, and settling of 0.7 second
to 0.1% accuracy.
In the precision circuit, an operational amplifier provides a buffered output and also acts as a 2-pole filter. The
ripple will be less than 5-mV peak for all frequencies above 1 kHz, and the response time will be much quicker
than in Figure 18. However, for input frequencies below 200 Hz, this circuit will have worse ripple than Figure 18.
The engineering of the filter time-constants to get adequate response and small enough ripple simply requires a
study of the compromises to be made. Inherently, V-to-F converter response can be fast, but F-to-V response
can not.
10 kHz Full-Scale, ±0.06% Non-Linearity
*Use stable components with low temperature coefficients.
100 kHz Full-Scale, ±0.03% Non-Linearity
*Use stable components with low temperature coefficients.
**This resistor can be 5 k
Ω or 10 kΩ for VS=8V to 22V, but must be
10 k
Ω for VS=4.5V to 8V.
***Use low offset voltage and low offset current op-amps for A1:
recommended types LF411A or LF356.
Figure 17. Precision Voltage-to-Frequency
Figure 18. Simple Frequency-to-Voltage Converter
Converter
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com