Electronic Components Datasheet Search
  English  ▼

X  

LM231 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM231
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM231 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM231 Datasheet HTML 10Page - Texas Instruments LM231 Datasheet HTML 11Page - Texas Instruments LM231 Datasheet HTML 12Page - Texas Instruments LM231 Datasheet HTML 13Page - Texas Instruments LM231 Datasheet HTML 14Page - Texas Instruments LM231 Datasheet HTML 15Page - Texas Instruments LM231 Datasheet HTML 16Page - Texas Instruments LM231 Datasheet HTML 17Page - Texas Instruments LM231 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM231, LM331
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
www.ti.com
Typical Applications (continued)
9.2.2 Precision V-To-F Converter
In this circuit, integration is performed by using a conventional operational amplifier and feedback capacitor, CF.
When the integrator's output crosses the nominal threshold level at pin 6 of the LMx31, the timing cycle is
initiated.
The average current fed into the summing point of the op-amp (pin 2) is i × (1.1 RtCt) × f which is perfectly
balanced with
−VIN/RIN. In this circuit, the voltage offset of the LMx31 input comparator does not affect the offset
or accuracy of the V-to-F converter as it does in the stand-alone V-to-F converter; nor does the LM231/331 bias
current or offset current. Instead, the offset voltage and offset current of the operational amplifier are the only
limits on how small the signal can be accurately converted. Since op-amps with voltage offset well below 1 mV
and offset currents well below 2 nA are available at low cost, this circuit is recommended for best accuracy for
small signals. This circuit also responds immediately to any change of input signal (which a stand-alone circuit
does not) so that the output frequency will be an accurate representation of VIN, as quickly as the spacing of the
2 output pulses can be measured.
In the precision mode, excellent linearity is obtained because the current source (pin 1) is always at ground
potential and that voltage does not vary with VIN or fOUT. (In the stand-alone V-to-F converter, a major cause of
non-linearity is the output impedance at pin 1 which causes i to change as a function of VIN).
The circuit of Figure 17 operates in the same way as Figure 16, but with the necessary changes for high-speed
operation.
*Use stable components with low temperature coefficients.
**This resistor can be 5 k
Ω or 10 kΩ for VS = 8 V to 22 V, but must be 10 kΩ for VS = 4.5 V to 8 V.
***Use low offset voltage and low offset current op-amps for A1: recommended type LF411A
Figure 16. Standard Test Circuit and Applications Circuit, Precision Voltage-to-Frequency Converter
14
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com