Electronic Components Datasheet Search
  English  ▼

X  

LM3633 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3633
Description  LM3633 Complete Lighting Power Solution for Smartphone Handsets
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3633 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3633 Datasheet HTML 17Page - Texas Instruments LM3633 Datasheet HTML 18Page - Texas Instruments LM3633 Datasheet HTML 19Page - Texas Instruments LM3633 Datasheet HTML 20Page - Texas Instruments LM3633 Datasheet HTML 21Page - Texas Instruments LM3633 Datasheet HTML 22Page - Texas Instruments LM3633 Datasheet HTML 23Page - Texas Instruments LM3633 Datasheet HTML 24Page - Texas Instruments LM3633 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
IHIGH = ILED_FULLSCALE x
1
255
x BREGH_X
(44 -
)
IHIGH = ILED_FULLSCALE x 0.85
BREGH_X + 1
5.8181818
ILOW = ILED_FULLSCALE x
1
255
x BREGL_X
(44 -
)
ILOW = ILED_FULLSCALE x 0.85
BREGL_X + 1
5.8181818
LM3633
www.ti.com
SNVS867 – JUNE 2014
7.4.3.6 Low-Level Brightness
The LED current low brightness level (ILOW) is the LED current set point that the pattern rests at during the tLOW
period. This level is set via the Pattern Generator Low-Level Brightness registers (BREGL_C to BREGL_H). The
brightness level has 8 bits of programmability. ILOW is a function of the Control Bank full-scale current setting and
the code in the Pattern Generator Low-Level Brightness registers.
For exponential mapping ILOW is:
(7)
For linear mapping ILOW is:
(8)
BREGL_X is the Pattern Generator Low-Level Brightness Register setting for the specific Control Bank.
7.4.3.7 High-Level Brightness
The LED current high brightness level (IHIGH) is the LED current set point that the pattern rests at during the tHIGH
period. This high-current level is set via the Control Banks Brightness Register (BREGH_C to BREGH_H). The
brightness level has 8 bits of programmability. IHIGH is a function of the Control Bank full-scale current setting and
the code in the Control Banks Brightness Register, prior to the Mapping Mode selected.
For exponential mapping IHIGH is:
(9)
For linear mapping IHIGH is:
(10)
BREGH_X is the Control Banks Brightness Register setting for the specific Control Bank.
7.4.4 Fault Flags/Protection Features
The LM3633 contains both an LED open-fault and LED short-fault detection. These fault detections are designed
to be used in production-level testing and not during normal operation. For the fault flags to operate they must be
enabled via the LED Fault Enable Register (see Table 35). The Open LED String (HVLED), Shorted LED String
(HVLED), Open LED (LVLED), and Shorted LED (LVLED) sections detail proper procedure for reading back
open and short faults in both the high-voltage LED and low-voltage LED strings.
7.4.4.1 Open LED String (HVLED)
An open LED string is detected when the voltage at the input to any active high-voltage current sink has fallen
below 200 mV, and the boost output voltage has hit the OVP threshold. This test assumes that the HVLED string
being detected for an open is connected to the LM3633 boost output (COUT+) (see Table 31). For an HVLED
string not connected to the LM3633 boost output voltage, but connected to another voltage source, the boost
output does not trigger the OVP flag. In this case an open LED string is not detected.
The procedure for detecting an open fault in the HVLED current sinks (provided they are connected to the boost
output voltage) is:
•
Apply power to the LM3633
•
Enable Open Fault (Register 0xB4, bit [0] = 1)
•
Assign HVLED1, HVLED2 and HVLED3 to Bank A (Register 0x10, Bits [2:0] = (0, 0, 0)
•
Set the start-up ramp times to the fastest setting (Register 0x12 = 0x00)
•
Set Bank A full-scale current to 20.2 mA (Register 0x20 = 0x13)
•
Configure HVLED1, HVLED2, and HVLED3 for LED string anode connected to COUT (Register 0x28, bits[2:0]
= (1,1,1))
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com