Electronic Components Datasheet Search
  English  ▼

X  

LM3633 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3633
Description  LM3633 Complete Lighting Power Solution for Smartphone Handsets
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3633 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3633 Datasheet HTML 9Page - Texas Instruments LM3633 Datasheet HTML 10Page - Texas Instruments LM3633 Datasheet HTML 11Page - Texas Instruments LM3633 Datasheet HTML 12Page - Texas Instruments LM3633 Datasheet HTML 13Page - Texas Instruments LM3633 Datasheet HTML 14Page - Texas Instruments LM3633 Datasheet HTML 15Page - Texas Instruments LM3633 Datasheet HTML 16Page - Texas Instruments LM3633 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
LM3633
www.ti.com
SNVS867 – JUNE 2014
Device Functional Modes (continued)
7.4.1.4 Boost Switching-Frequency Select
The LM3633 boost converter has two switching frequency settings. The switching frequency setting is controlled
via the Boost Frequency Select bit (bit 0 in the Boost Control register). Operating at the 500-kHz switching
frequency results in better efficiency under lighter load conditions due to the decreased switching losses. In this
mode the inductor must be between 10 µH and 22 µH. Operating at the 1-MHz switching frequency results in
better efficiency under higher load conditions due to in lower conduction losses in the MOSFETs and inductor. In
this mode the inductor can be between 4.7 µH and 22 µH.
7.4.1.5 Automatic Switching Frequency Shift
The LM3633 has an automatic frequency-select mode (bit 3 in the Boost Control register) to optimize the
frequency vs load dependent losses. In Auto-Frequency mode the boost converter switching frequency is
changed based on the high-voltage LED current. The threshold (Control A and Control B brightness code) at
which the frequency switchover occurs is programmable via the Auto-Frequency Threshold register. The Auto-
Frequency Threshold register contains an 8-bit code which is compared to the 8 MSBs of the brightness code.
When the brightness code is greater than the Auto-Frequency Threshold value the boost converter switching
frequency is 1 MHz. When the brightness code is less than or equal to the Auto-Frequency Threshold register
the boost converter switching frequency is 500 kHz. The default value in the Auto-Frequency Threshold register
is set for the default full-scale current setting (20.2 mA).
Figure 13 shows the LED efficiency improvement (3p5s LED configuration with a 4.7-
μH inductor) when the auto-
frequency feature is enabled. When the LED brightness is less than or equal to 0x6C, the switching frequency is
500 kHz, and it improves the LED efficiency by up to 6%. When the LED brightness is greater than 0x6C, the
switching frequency is 1 MHz, and it improves LED efficiency by up to 2.2%.
Figure 13. Auto-Frequency Boost Efficiency Improvement
Table 1 summarizes the general recommendations for auto-frequency threshold setting vs inductance values and
LED string configurations. These are general recommendations — the optimum auto-frequency threshold setting
should be evaluated for each application
Table 1. Auto-Frequency Threshold Settings
THREE STRING
TWO STRING
AUTO-
INDUCTOR
AUTO-FREQUENCY
PEAK EFFICIENCY
PEAK
PEAK EFFICIENCY
PEAK
FREQUENCY
(µH)
THRESHOLD
IMPROVEMENT (%)
CONFIGURATION
IMPROVEMENT(%)
CONFIGURATION
THRESHOLD
4.7
6C
2.2
3p5s
AC
1.1
2p6s
10
74
1.7
3p4s
B4
1.3
2p5s
22
7C
0.7
3p3s
BC
0.7
2p4s
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com