Electronic Components Datasheet Search
  English  ▼

X  

LM3633 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM3633
Description  LM3633 Complete Lighting Power Solution for Smartphone Handsets
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3633 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM3633 Datasheet HTML 36Page - Texas Instruments LM3633 Datasheet HTML 37Page - Texas Instruments LM3633 Datasheet HTML 38Page - Texas Instruments LM3633 Datasheet HTML 39Page - Texas Instruments LM3633 Datasheet HTML 40Page - Texas Instruments LM3633 Datasheet HTML 41Page - Texas Instruments LM3633 Datasheet HTML 42Page - Texas Instruments LM3633 Datasheet HTML 43Page - Texas Instruments LM3633 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
12
24
36
48
ILED (mA)
Two String, L=22µH, 500kHz
C002
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
12
24
36
48
ILED (mA)
Two String, L=22µH, 1MHz
C002
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0.00
12.00
24.00
36.00
48.00
60.00
ILED (mA)
Three String, L=22µH, 500kHz
C002
70%
72%
74%
76%
78%
80%
82%
84%
86%
88%
90%
0
12
24
36
48
60
ILED (mA)
Three String, L=22µH, 1MHz
C002
65%
70%
75%
80%
85%
90%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
One String, L=4.7µH, 500kHz
C002
65%
70%
75%
80%
85%
90%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
One String, L=4.7µH, 1MHz
C002
LM3633
SNVS867 – JUNE 2014
www.ti.com
VIN = 3.6 V, VLED = 3.2 V @ 20 mA, Typical Application Circuit, TA = 25°C, Full-Scale Current = 20.2 mA unless otherwise
specified. Efficiency is VOUT × (IHVLED1 + IHVLED2 + IHVLED3)/(VIN × IIN), matching curves are (ΔILED_MAX/ILED_AVE). See Table 37.
Top to Bottom: 1x3, 1x4, 1x5, 1x6, 1x7, 1x8, 1x9, 1x10 (LEDs)
Top to Bottom: 1x3, 1x4, 1x5, 1x6, 1x7, 1x8, 1x9, 1x10 (LEDs)
Figure 42. Efficiency vs VIN, Single String
Figure 43. Efficiency vs VIN, Single String
Top to Bottom: 3x3, 3x4, 3x5, 3x6 (LEDs)
Top to Bottom: 3x3, 3x4, 3x5, 3x6 (LEDs)
Figure 44. Efficiency vs ILED
Figure 45. Efficiency vs ILED
Top to Bottom: 2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Top to Bottom: 2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Figure 46. Efficiency vs ILED
Figure 47. Efficiency vs ILED
40
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com