Electronic Components Datasheet Search
  English  ▼

X  

LM3633 Datasheet(PDF) 42 Page - Texas Instruments

Part # LM3633
Description  LM3633 Complete Lighting Power Solution for Smartphone Handsets
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3633 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM3633 Datasheet HTML 38Page - Texas Instruments LM3633 Datasheet HTML 39Page - Texas Instruments LM3633 Datasheet HTML 40Page - Texas Instruments LM3633 Datasheet HTML 41Page - Texas Instruments LM3633 Datasheet HTML 42Page - Texas Instruments LM3633 Datasheet HTML 43Page - Texas Instruments LM3633 Datasheet HTML 44Page - Texas Instruments LM3633 Datasheet HTML 45Page - Texas Instruments LM3633 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
0.01
0.10
1.00
10.00
100.00
11-bit Brightness Code
25C
C001
-15.0%
-10.0%
-5.0%
0.0%
5.0%
10.0%
15.0%
20.0%
11-bit Brightness Code
m12
m23
m31
C001
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
-35C
25C
90C
C001
0.00%
0.10%
0.20%
0.30%
0.40%
0.50%
0.60%
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
90C
25C
-35C
C001
70%
72%
74%
76%
78%
80%
82%
84%
86%
0
12
24
36
48
ILED (mA)
Two String, L=4.7µH, 500kHz
C002
70%
72%
74%
76%
78%
80%
82%
84%
86%
0
12
24
36
48
ILED (mA)
Two String, L=4.7µH, 1MHz
C002
LM3633
SNVS867 – JUNE 2014
www.ti.com
VIN = 3.6 V, VLED = 3.2 V @ 20 mA, Typical Application Circuit, TA = 25°C, Full-Scale Current = 20.2 mA unless otherwise
specified. Efficiency is VOUT × (IHVLED1 + IHVLED2 + IHVLED3)/(VIN × IIN), matching curves are (ΔILED_MAX/ILED_AVE). See Table 37.
Top to Bottom: 2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Top to Bottom: 2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Figure 54. Efficiency vs ILED
Figure 55. Efficiency vs ILED
ILED = 20 mA
ILED = 20 mA
Figure 56. HVLED Matching vs VIN, Temp
Figure 57. LVLED Matching vs VIN, Temp
Exponential Mapping
Exponential Mapping
Figure 58. HVLED Current vs Code
Figure 59. HVLED Matching vs Code
42
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com