Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM95010
Description  LM95010 Digital Temperature Sensor with SensorPath® Bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95010 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM95010 Datasheet HTML 17Page - Texas Instruments LM95010 Datasheet HTML 18Page - Texas Instruments LM95010 Datasheet HTML 19Page - Texas Instruments LM95010 Datasheet HTML 20Page - Texas Instruments LM95010 Datasheet HTML 21Page - Texas Instruments LM95010 Datasheet HTML 22Page - Texas Instruments LM95010 Datasheet HTML 23Page - Texas Instruments LM95010 Datasheet HTML 24Page - Texas Instruments LM95010 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Setup Before Enabling  No setup is required for the Temperature Measurement function before the function is
enabled.
7.12 Temperature Capabilities (Addr 10o)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1
Bit 0
LSb
001 000 Temperature
Capabilities
R 014Ah
Reserved
Int
Sens
Rout
Size
Sign 10Bit
s
0.25°C
Resolution
0
0
0
0
0
0
0
1
0
1
0
0
1
0
1
0
This register defines the format of the temperature data in the readout register. The LM95010 only supports one
format as defined by the values of this register.
Bit
Type
Description
2-0
R
Resolution. This field defines the value of 1 LSb of the Temperature Readout field in the Readout Register. The
SensorPath specification defines many different weights for the temperature LSb. The LM95010 supports a resolution of
0.25 °C and thus a value of 010 for this field. For a full definition of this field please refer to the SensorPath specification.
5-3
R
Number of Bits. This field defines the total number of significant bits of the Temperature Readout field in the
Readout register. The total number of osignificant bits includes the number of bits representing the interger part of
the temperature data and the fractional part of it, as defined by the Resolution field. The LM95010 supports 10 bits and
thus a value of 001 for this field. For a full definition of this field please refer to the SensorPath specification.
6
R
Sign (Signed Data). Defines the type of data in the Temperature Readout field of the Readout register.
0: Unsigned, positive fixed point value.
1: Signed, 2's complement fixed point value. (value for the LM95010)
7
R
RoutSize (Readout Register size). Defines the total size of the Readout register.
0: 16 bits. (LM95010 default)
1: 24 bits.
8
R/W
IntSens (Internal Sensor Support). Indicates if the device supports internal temperature measurements, as the
LM95010 does.
0: No internal temperature measurement
1: Internal temperature sensor implemented. (value for the LM95010)
15-9
RO
Reserved. Will always read "0".
7.13 Temperature Data Readout (Addr 11o)
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1
Bit 0
LSb
001 001 Temperature
Data Readout
R
MSb
Sign
64°C 32°C 16°C 8°C
4°C
2°C
1°C
0.5
°C
LSb
0.25
°C
Reserved
0
0
0
0
0
0
The LM95010's temperature data format is two's complement and has 10-bits of resolution with the LSb having
a weight of 0.25 °C. The LM95010 can resolve temperature between +127.75 °C and -128 °C, inclusive. It can
measure temperatures between +127.75 °C and −20 °C with an accuracy of ±3.0 °C.
Table 7-2. Temperature Data Format
Decimal
Binary
Hex
+127.75 °C
01 1111 1111
1FFh
+100.00 °C
01 1001 0000
190h
+1.00 °C
00 0000 0100
004h
+0.25 °C
00 0000 0001
001h
www.ti.com
LM95010
SNIS133E – SEPTEMBER 2003 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com