Electronic Components Datasheet Search
  English  ▼

X  

LM95010 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95010
Description  LM95010 Digital Temperature Sensor with SensorPath® Bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95010 Datasheet HTML 7Page - Texas Instruments LM95010 Datasheet HTML 8Page - Texas Instruments LM95010 Datasheet HTML 9Page - Texas Instruments LM95010 Datasheet HTML 10Page - Texas Instruments LM95010 Datasheet HTML 11Page - Texas Instruments LM95010 Datasheet HTML 12Page - Texas Instruments LM95010 Datasheet HTML 13Page - Texas Instruments LM95010 Datasheet HTML 14Page - Texas Instruments LM95010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
6.3 Feature Description
6.3.1 SensorPath BUS SWD
SWD is the Single Wire Data line used for communication. SensorPath uses 3.3V single-ended signaling, with
a pull-up resistor and open-drain low-side drive (see Figure 6-1). For timing purposes SensorPath is designed
for capacitive loads (CL) of up to 400pF. Note that in many cases a 3.3V standby rail of the PC will be used
as a power supply for both the sensor and the master. Logic high and low voltage levels for SWD are TTL
compatible. The master may provide an internal pull-up resistor. In this case the external resistor is not needed.
The minimum value of the pull-up resistor must take into account the maximum allowable output load current of
4mA.
Master
RI
1.25k
Option
LM95010
V+
V+
RE
>1.25k
Option
CL
<400pF
SWD
SWD
Figure 6-1. SensorPath SWD simplified schematic
6.3.2 SensorPath BIT SIGNALING
Signals are transmitted over SensorPath using pulse-width encoding. There are five types of "bit signals":
• Data Bit 0
• Data Bit 1
• Start Bit
• Attention Request
• Reset
All the "bit signals" involve driving the bus to a low level. The duration of the low level differentiates between the
different "bit-signals". Each "bit signal" has a fixed pulse width. SensorPath supports a Bus Reset Operation and
Clock Training sequence that allows the slave device to synchronize its internal clock rate to the master. Since
the LM95010 meets the ±15% timing requirements of SensorPath, the LM95010 does not require the Clock
Training sequence and does support this feature. This section defines the "bit signal" behavior in all the modes.
Please refer to the timing diagrams in Electrical Characteristics (Figure 5-2 and Figure 5-3) while going through
this section. Note that the timing diagrams for the different types of "bit signals" are shown together to better
highlight the timing relationships between them. However, the different types of "bit signals" appear on SWD at
different points in time. These timing diagrams show the signals as driven by the master and the LM95010 slave
as well as the signal as seen when probing SWD. Signals labels that begin with the label Mout_ depict a drive by
the master. Signals labels that begin with the label Slv_ depict the drive by the LM95010. All other signals show
what would be seen when probing SWD for a particular function (e.g. "Master Wr 0" is the Master transmitting a
Data Bit with the value of 0).
6.3.3 Bus Inactive
The bus is inactive when the SWD signal is high for a period of at least tINACT. The bus is inactive between each
"bit signal".
6.3.4 Data Bit 0 and 1
All Data Bit signal transfers are started by the master. A Data Bit 0 is indicated by a "short" pulse; a Data Bit 1 is
indicated by a longer pulse. The direction of the bit is relative to the master, as follows:
• Data Write - a Data Bit transferred from the master to the LM95010.
• Data Read - a Data Bit transferred from the LM95010 to the master.
A master must monitor the bus as inactive before starting a Data Bit (read or Write).
www.ti.com
LM95010
SNIS133E – SEPTEMBER 2003 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com