Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7712 Datasheet(HTML) 3 Page - Texas Instruments

  LMP7712 Datasheet HTML 1Page - Texas Instruments LMP7712 Datasheet HTML 2Page - Texas Instruments LMP7712 Datasheet HTML 3Page - Texas Instruments LMP7712 Datasheet HTML 4Page - Texas Instruments LMP7712 Datasheet HTML 5Page - Texas Instruments LMP7712 Datasheet HTML 6Page - Texas Instruments LMP7712 Datasheet HTML 7Page - Texas Instruments LMP7712 Datasheet HTML 8Page - Texas Instruments LMP7712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMP7711
www.ti.com
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
2.5V ELECTRICAL CHARACTERISTICS
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V ,V
O = VCM = V
+/2, V
EN = V
+. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
±20
±180
μV
±480
TC VOS Input Offset Voltage Temperature
LMP7711
–1.75
–1
±4
μV/°C
Drift(3)(4)
LMP7712
IB
Input Bias Current
VCM = 1.0V
(5) (4)
−40°C ≤ TA ≤ 85°C
0.05
1
25
pA
−40°C ≤ TA ≤ 125°C
0.05
1
100
IOS
Input Offset Current
VCM = 1.0V
(4)
0.006
0.5
pA
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.4V
83
100
dB
80
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V
85
100
V− = 0V, VCM = 0
80
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V− = 0V, VCM = 0
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
−0.3
1.5
V
CMRR
≥ 78 dB
–0.3
1.5
AVOL
Open Loop Voltage Gain
LMP7711, VO = 0.15 to 2.2V
88
98
RL = 2 kΩ to V
+/2
82
LMP7712, VO = 0.15 to 2.2V
84
92
RL = 2 kΩ to V
+/2
80
dB
LMP7711, VO = 0.15 to 2.2V
92
114
RL = 10 kΩ to V
+/2
88
LMP7712, VO = 0.15 to 2.2V
90
95
RL = 10 kΩ to V
+/2
86
VOUT
Output Voltage Swing
RL = 2 kΩ to V
+/2
25
70
High
77
RL = 10 kΩ to V
+/2
20
60
mV from
66
either rail
Output Voltage Swing
RL = 2 kΩ to V
+/2
30
70
Low
73
RL = 10 kΩ to V
+/2
15
60
62
IOUT
Output Current
Sourcing to V−
36
52
VIN = 200 mV
(6)
30
mA
Sinking to V+
7.5
15
VIN = −200 mV
(6)
5.0
IS
Supply Current
LMP7711
0.95
1.30
Enable Mode VEN ≥ 2.1
1.65
mA
LMP7712 (per channel)
1.10
1.50
Enable Mode VEN ≥ 2.1
1.85
Shutdown Mode (per channel)
0.03
1
μA
VEN ≤ 0.4
4
SR
Slew Rate
AV = +1, Rising (10% to 90%)
8.3
V/
μs
AV = +1, Falling (90% to 10%)
10.3
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
(6)
The short circuit test is a momentary open loop test.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP7711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com