Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7712 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7712 Datasheet HTML 8Page - Texas Instruments LMP7712 Datasheet HTML 9Page - Texas Instruments LMP7712 Datasheet HTML 10Page - Texas Instruments LMP7712 Datasheet HTML 11Page - Texas Instruments LMP7712 Datasheet HTML 12Page - Texas Instruments LMP7712 Datasheet HTML 13Page - Texas Instruments LMP7712 Datasheet HTML 14Page - Texas Instruments LMP7712 Datasheet HTML 15Page - Texas Instruments LMP7712 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
1.5
2.5
3.5
4.5
5.5
6
7
8
9
10
11
12
VS (V)
FALLING EDGE
RISING EDGE
0
20
40
60
80
100
120
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
UNDERSHOOT%
OVERSHOOT %
0
10
20
30
40
50
10
100
1000
CAPACITIVE LOAD (pF)
VS = 5V
RL = 10 k:
RL = 600:
RL = 10 M:
0
10
20
30
40
50
10
100
1000
CAPACITIVE LOAD (pF)
RL = 10 M:
VS = 2.5V
RL = 10 k:
RL = 600:
1k
10k
100k
1M
10M
100M
-40
-20
0
20
60
80
100
120
FREQUENCY (Hz)
40
-60
-40
-20
0
20
60
80
100
120
40
-60
CL = 20 pF
CL = 50 pF
CL = 100 pF
GAIN
CL = 100 pF
CL = 50 pF
CL = 20 pF
PHASE
-40
-20
0
20
60
80
100
120
40
-60
-40
-20
0
20
60
80
100
120
40
-60
FREQUENCY (Hz)
10k
100k
1M
10M
100M
PHASE
GAIN
RL = 600: 10 k: 10 M:
LMP7711
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2, VEN = V
+.
Open Loop Frequency Response
Open Loop Frequency Response
Figure 35.
Figure 36.
Phase Margin vs. Capacitive Load
Phase Margin vs. Capacitive Load
Figure 37.
Figure 38.
Overshoot and Undershoot vs. Capacitive Load
Slew Rate vs. Supply Voltage
Figure 39.
Figure 40.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com