Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7712 Datasheet(HTML) 4 Page - Texas Instruments

  LMP7712 Datasheet HTML 1Page - Texas Instruments LMP7712 Datasheet HTML 2Page - Texas Instruments LMP7712 Datasheet HTML 3Page - Texas Instruments LMP7712 Datasheet HTML 4Page - Texas Instruments LMP7712 Datasheet HTML 5Page - Texas Instruments LMP7712 Datasheet HTML 6Page - Texas Instruments LMP7712 Datasheet HTML 7Page - Texas Instruments LMP7712 Datasheet HTML 8Page - Texas Instruments LMP7712 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LMP7711
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
www.ti.com
2.5V ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 2.5V, V− = 0V ,V
O = VCM = V
+/2, V
EN = V
+. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
GBW
Gain Bandwidth
14
MHz
en
Input Referred Voltage Noise Density
f = 400 Hz
6.8
nV/
√Hz
f = 1 kHz
5.8
in
Input Referred Current Noise Density
f = 1 kHz
0.01
pA/
√Hz
ton
Turn-on Time
140
ns
toff
Turn-off Time
1000
ns
VEN
Enable Pin Voltage Range
Enable Mode
2.1
2 - 2.5
V
Shutdown Mode
0 - 0.5
0.4
IEN
Enable Pin Input Current
VEN = 2.5V
(5)
1.5
3.0
μA
VEN = 0V
(5)
0.003
0.1
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, RL = 100 kΩ
0.003
VO = 0.9 VPP
%
f = 1 kHz, AV = 1, RL = 600Ω
0.004
VO = 0.9 VPP
5V ELECTRICAL CHARACTERISTICS
Unless otherwise noted, all limits are ensured for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = V
+/2, V
EN = V
+. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
±10
±150
μV
±450
TC VOS Input Offset Voltage Temperataure
LMP7711
–1.75
–1
±4
μV/°C
Drift(3)(4)
LMP7712
IB
Input Bias Current
VCM = 2.0V
(5) (4)
−40°C ≤ TA ≤ 85°C
0.1
1
25
pA
−40°C ≤ TA ≤ 125°C
0.1
1
100
IOS
Input Offset Current
VCM = 2.0V
(4)
0.01
0.5
pA
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 3.7V
85
100
dB
82
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V
85
100
V− = 0V, VCM = 0
80
dB
1.8V
≤ V+ ≤ 5.5V
85
98
V− = 0V, VCM = 0
CMVR
Common Mode Voltage Range
CMRR
≥ 80 dB
−0.3
4
V
CMRR
≥ 78 dB
–0.3
4
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Offset voltage average drift is determined by dividing the change in VOS at the temperature extremes by the total temperature change.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com