Electronic Components Datasheet Search
  English  ▼

X  

LMP7712 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP7712
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7712 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7712 Datasheet HTML 7Page - Texas Instruments LMP7712 Datasheet HTML 8Page - Texas Instruments LMP7712 Datasheet HTML 9Page - Texas Instruments LMP7712 Datasheet HTML 10Page - Texas Instruments LMP7712 Datasheet HTML 11Page - Texas Instruments LMP7712 Datasheet HTML 12Page - Texas Instruments LMP7712 Datasheet HTML 13Page - Texas Instruments LMP7712 Datasheet HTML 14Page - Texas Instruments LMP7712 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
1.5
2.5
3.5
4.5
5.5
0
30
60
90
120
150
VS (V)
125°C
25°C
-40°C
RL = 600:
1.5
2.5
3.5
4.5
5.5
0
30
60
90
120
150
VS (V)
125°C
25°C
-40°C
RL = 600:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
-40°C
25°C
125°C
RL = 2 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 2 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 10 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL =10 k:
LMP7711
www.ti.com
SNOSAP4F – SEPTEMBER 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2, VEN = V
+.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 29.
Figure 30.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 31.
Figure 32.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 33.
Figure 34.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com