Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 4 Page - Texas Instruments

  LMP8640 Datasheet HTML 1Page - Texas Instruments LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3)
LMP8640 limits also apply to the LMP8640-Q1.
MIN
MAX
UNIT
Supply Voltage (VS = V
+ - V−)
-0.3
13.2
V
Differential Voltage +IN- (-IN)
-6
6
V
Voltage at pins +IN, -IN
LMP8640HV
-6
80
V
LMP8640, LMP8640-Q1
-6
60
V
Voltage at VOUT pin
V-
V+
V
Junction Temperature (4)
-40
150
°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions.
(2)
For soldering specifications,see product folder at www.ti.com and http://www.ti.com/lit/SNOA549.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) - TA)/ θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
7.2 Handling Ratings - LMP8640, LMP8640HV
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
For input pins +IN, -IN
-5000
5000
Human body model (HBM(1))
For all other pins
-2000
2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM)(2) All pins
-1250
1250
Machine model (MM) (3)
-200
200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
(3)
Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
7.3 Handling Ratings - LMP8640-Q1
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
Human body model (HBM), per AEC Q100-002(1)
-2000
2000
V
Charged device model (CDM), per
All pins
-1000
1000
V(ESD)
Electrostatic discharge
AEC Q100-011
Machine model (MM) (2)
All pins
-200
200
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
(2)
Machine Model, applicable std. JESD22-A115-A (ESD MM std. of JEDEC)
7.4 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Supply Voltage (VS = V
+ - V−)
2.7
12
V
Operating Junction Temperature Range (2)
-40
125
°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Operating Ratings is not implied. Operating Ratings indicate conditions at which the
device is functional and the device should not be operated beyond such conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJ(MAX), θJA, and the ambient temperature,
TA. The maximum allowable power dissipation PDMAX = (TJ(MAX) - TA)/ θJA or the number given in Absolute Maximum Ratings, whichever
is lower.
4
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com