Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LMP8640, LMP8640-Q1, LMP8640HV
www.ti.com
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
Electrical Characteristics 5 V
(1) (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 5 V, V− = 0 V, −2 V < V
CM
< 76 V, RL = 10 MΩ. LMP8640 electrical limits also apply to the LMP8640-Q1 unless noted.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Gain LMP8640-T LMP8640HV-T
20
Gain LMP8640-F LMP8640HV-F
50
V/V
Gain LMP8640-H LMP8640HV-H
100
Gain AV
VCM = 2.1 V
-0.25%
0.25%
Gain error
VCM = 2.1 V, Over Temperature
-0.51%
0.51%
Accuracy over temperature(5)
−40°C to 125°C, VCM=2.1 V
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1 V, 2.7V < V
+ < 12 V,
85
dB
LMP8640HV 2.1 V < VCM < 42 V
103
LMP8640 2.1 V < VCM< 42 V
CMRR
Common Mode Rejection Ratio
dB
LMP8640HV 2.1 V < VCM < 76 V
95
-2 V <VCM < 2 V,
60
Fixed Gain LMP8640-T
DC VSENSE = 67.5 mV,
950
LMP8640HV-T (5)
CL = 30 pF ,RL= 1 MΩ
Fixed Gain LMP8640-F
DC VSENSE =27 mV,
BW
450
kHz
LMP8640HV-F(5)
CL = 30 pF ,RL= 1 MΩ
Fixed Gain LMP8640-H
DC VSENSE = 13.5 mV,
230
LMP8640HV-H(5)
CL = 30 pF ,RL= 1MΩ
VCM =5 V, CL = 30 pF, RL = 1MΩ,
LMP8640-T LMP8640HV-T VSENSE = 200 mVpp,
SR
Slew Rate (7)(5)
1.6
V/µs
LMP8640-F LMP8640HV-F VSENSE = 80 mVpp,
LMP8640-H LMP8640HV-H VSENSE = 40 mVpp,
RIN
Differential Mode Input Impedance (5)
5
k
Ω
VCM = 2.1 V
500
722
VCM = 2.1 V, Over Temperature
922
IS
Supply Current
µA
VCM = −2 V
2050
2500
VCM = −2 V, Over Temperature
2750
Maximum Output Voltage
VCM = 2.1 V
4.95
V
LMP8640-T LMP8640HV-T
18.2
VCM = 2.1 V
VOUT
LMP8640-F LMP8640HV-F
Minimum Output Voltage
40
mV
VCM = 2.1 V
LMP8640-H LMP8640HV-H
80
VCM = 2.1 V
CLOAD
Max Output Capacitance Load(5)
30
pF
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com