Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
www.ti.com
7.8 Electrical Characteristics 12 V
(1)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS= V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 12 V, V− = 0V, −2 V < V
CM
< 76 V, RL = 10 MΩ. LMP8640 electrical limits also apply to the LMP8640-Q1 unless noted.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VCM = 2.1 V
-900
900
VOS
Input Offset Voltage
µV
VCM = 2.1 V, Over Temperature
-1160
1160
TCVOS
Input Offset Voltage Drift(4) (5)
VCM = 2.1 V
2.6
µV/°C
VCM = 2.1 V, VSENSE = 0 V
13
22
IB
Input Bias Current (6)
µA
VCM = 2.1 V, Over Temperature, VSENSE = 0 V
28
eni
Input Voltage Noise (5)
f > 10 kHz
117
nV/
√Hz
Gain LMP8640-T LMP8640HV-T
20
Gain LMP8640-F LMP8640HV-F
50
V/V
Gain LMP8640-H LMP8640HV-H
100
Gain AV
VCM = 2.1 V
-0.25%
0.25%
Gain error
VCM = 2.1 V, Over Temperature
-0.51%
0.51%
Accuracy over temperature(5)
−40°C to 125°C, VCM= 2.1 V
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1 V, 2.7 V < V
+ < 12 V,
85
dB
LMP8640HV 2.1 V < VCM < 42 V
103
LMP8640 2.1 V < VCM< 42 V
CMRR
Common Mode Rejection Ratio
dB
LMP8640HV 2.1 V < VCM < 76 V
95
-2 V < VCM < 2 V,
60
Fixed Gain LMP8640-T
DC VSENSE = 67.5 mV,
950
LMP8640HV-T (5)
CL = 30 pF, RL= 1 MΩ
Fixed Gain LMP8640-F
DC VSENSE =27 mV,
BW
450
kHz
LMP8640HV-F (5)
CL = 30 pF, RL= 1 MΩ
Fixed Gain LMP8640-H
DC VSENSE = 13.5 mV,
230
LMP8640HV-H (5)
CL = 30 pF, RL= 1 MΩ
VCM =5 V, CL = 30 pF, RL = 1 MΩ,
LMP8640-T LMP8640HV-T VSENSE = 500 mVpp,
SR
Slew Rate (7)(5)
1.8
V/µs
LMP8640-F LMP8640HV-F VSENSE =200 mVpp,
LMP8640-H LMP8640HV-H VSENSE =100 mVpp,
RIN
Differential Mode Input Impedance (5)
5
k
Ω
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is ensured by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device. Spec does not include input signal dependent currents on the
positive input of approximately Vsense / 5K
Ω due to topology feedback action.
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
8
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com