Electronic Components Datasheet Search
  English  ▼

X  

LMP8640 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments LMP8640 Datasheet HTML 11Page - Texas Instruments LMP8640 Datasheet HTML 12Page - Texas Instruments LMP8640 Datasheet HTML 13Page - Texas Instruments LMP8640 Datasheet HTML 14Page - Texas Instruments LMP8640 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
FREQUENCY (Hz)
50
40
30
20
10
100
1k
10k
100k
1M
10M
GAIN 20V/V
GAIN 50V/V
GAIN 100V/V
VS=5V, VCM=5V
100
0
-100
-200
-300
-400
-500
-600
-700
-800
-900
-2 -1 0
1
2
3
4 16 28 40 52 64 76
VS = 12V
125°C
25°C
-40°C
VCM (V)
VCM (V)
100
0
-100
-200
-300
-400
-500
-600
-700
-800
-900
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 2.7V
125°C
25°C
-40°C
100
0
-100
-200
-300
-400
-500
-600
-700
-800
-900
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 5V
125 °C
25°C
-40°C
VCM (V)
VCM (V)
140
130
120
110
100
90
80
-2
11
24
37
50
63
76
125°C
25°C
-40°C
VS = 5V
VCM (V)
-2
11
24
37
50
63
76
200
150
100
50
0
-50
-100
-150
-200
125 °C
-40°C
25°C
VS = 5V
LMP8640, LMP8640-Q1, LMP8640HV
www.ti.com
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Figure 7. CMRR vs. VCM (Gain 100 V/V)
Figure 8. Input Voltage Offset vs. VCM
Figure 9. Ibias vs. VCM
Figure 10. Ibias vs. VCM
Figure 11. Ibias vs. VCM
Figure 12. Gain vs. Frequency
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com