Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.B Datasheet(PDF) 19 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 19 Page - Texas Instruments

Back Button MAX3243CPWR.B Datasheet HTML 15Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 16Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 17Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 18Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 19Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 20Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 21Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 22Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
MAX3243CDBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU | NIPDAU
Level-1-260C-UNLIM
0 to 70
MAX3243C
MAX3243CDBR.A
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243C
MAX3243CDBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243C
MAX3243CDBRE4
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
MAX3243C
MAX3243CDBRG4
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
MAX3243C
MAX3243CDW
Obsolete
Production
SOIC (DW) | 28
-
-
Call TI
Call TI
0 to 70
MAX3243C
MAX3243CDWR
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
MAX3243C
MAX3243CDWR.A
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243C
MAX3243CDWRG4
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
MAX3243C
MAX3243CPWR
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU | NIPDAU
Level-1-260C-UNLIM
0 to 70
MA3243C
MAX3243CPWR.A
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MA3243C
MAX3243CPWR.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MA3243C
MAX3243CPWRG4
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
MA3243C
MAX3243IDBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU | NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDBR.A
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDBRG4.A
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDBRG4.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDW
Active
Production
SOIC (DW) | 28
20 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDW.A
Active
Production
SOIC (DW) | 28
20 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDWR
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDWR.A
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IDWR1G4.A
Active
Production
SOIC (DW) | 28
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MAX3243I
MAX3243IPWR
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU | NIPDAU
Level-1-260C-UNLIM
-40 to 85
MB3243I
MAX3243IPWR.A
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MB3243I
MAX3243IPWR.B
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MB3243I
MAX3243IPWRE4
Active
Production
TSSOP (PW) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
MB3243I
(1) Status: For more details on status, see our product life cycle.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com