Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.B Datasheet(PDF) 21 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button MAX3243CPWR.B Datasheet HTML 17Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 18Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 19Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 20Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 21Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 22Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 23Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 24Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
MAX3243CDBR
SSOP
DB
28
2000
330.0
16.4
8.45
10.55
2.5
12.0
16.2
Q1
MAX3243CDBR
SSOP
DB
28
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
MAX3243CDWR
SOIC
DW
28
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
MAX3243CPWR
TSSOP
PW
28
2000
330.0
16.4
6.9
10.2
1.8
12.0
16.0
Q1
MAX3243CPWR
TSSOP
PW
28
2000
330.0
16.4
6.9
10.2
1.8
12.0
16.0
Q1
MAX3243IDBR
SSOP
DB
28
2000
330.0
16.4
8.45
10.55
2.5
12.0
16.2
Q1
MAX3243IDBR
SSOP
DB
28
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
MAX3243IDWR
SOIC
DW
28
1000
330.0
32.4
11.35
18.67
3.1
16.0
32.0
Q1
MAX3243IPWR
TSSOP
PW
28
2000
330.0
16.4
6.9
10.2
1.8
12.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com