Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.B Datasheet(PDF) 13 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button MAX3243CPWR.B Datasheet HTML 9Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 10Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 11Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 12Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 13Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 14Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 15Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 16Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
It is recommended to add capacitors as shown in Figure 8-1.
8.2 Typical Application
ROUT and DIN connect to UART or general purpose logic lines. RIN and DOUT lines connect to a RS232
connector or cable.
www.ti.com
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com