Electronic Components Datasheet Search
  English  ▼

X  

MAX3243CPWR.B Datasheet(PDF) 2 Page - Texas Instruments

Part # MAX3243CPWR.B
Description  MAX3243 3V to 5.5V Multichannel RS-232 Line Driver and Receiver With ±15kV ESD (HBM) Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MAX3243CPWR.B Datasheet(HTML) 2 Page - Texas Instruments

  MAX3243CPWR.B Datasheet HTML 1Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 2Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 3Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 4Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 5Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 6Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 7Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 8Page - Texas Instruments MAX3243CPWR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics –– Auto Power Down..........5
5.6 Electrical Characteristics –– Driver............................. 6
5.7 Electrical Characteristics –– Receiver........................ 6
5.8 Switching Characteristics –– Auto Power Down......... 6
5.9 Switching Characteristics –– Driver............................ 7
5.10 Switching Characteristics –– Receiver......................7
5.11 Typical Characteristics.............................................. 7
6 Parameter Measurement Information............................ 8
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................12
8 Application and Implementation.................................. 13
8.1 Application Information............................................. 13
8.2 Typical Application.................................................... 13
8.3 Power Supply Recommendations.............................15
8.4 Layout....................................................................... 15
9 Device and Documentation Support............................17
9.1 Receiving Notification of Documentation Updates....17
9.2 Support Resources................................................... 17
9.3 Trademarks...............................................................17
9.4 Electrostatic Discharge Caution................................17
9.5 Glossary....................................................................17
10 Revision History.......................................................... 17
11 Mechanical, Packaging, and Orderable
Information.................................................................... 18
MAX3243
SLLS350Q – APRIL 1999 – REVISED AUGUST 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: MAX3243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com