Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 26 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 26 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 22Page - Texas Instruments PCM2704DB Datasheet HTML 23Page - Texas Instruments PCM2704DB Datasheet HTML 24Page - Texas Instruments PCM2704DB Datasheet HTML 25Page - Texas Instruments PCM2704DB Datasheet HTML 26Page - Texas Instruments PCM2704DB Datasheet HTML 27Page - Texas Instruments PCM2704DB Datasheet HTML 28Page - Texas Instruments PCM2704DB Datasheet HTML 29Page - Texas Instruments PCM2704DB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
USB Host Interface Sequence
Power-On, Attach, and Playback Sequence
D+/D−
2.0 V (Typ.)
0 V
Internal Reset
Ready for Setup
SOF
Ready for Playback
Bus Reset
Set Configuration
SOF
SOF
BPZ
Bus Idle
3.3 V
(Typ.)
1st Audio Data
2nd Audio Data
SSPND
VOUTL
VOUTR
700
µs
Device Setup
1 ms
VDD
T0055-01
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
The PCM2704/5/6/7 is ready for setup when the reset sequence has finished and the USB bus is attached. After
a connection has been established by setup, the PCM2704/5/6/7 is ready to accept USB audio data. While
waiting for the audio data (idle state), the analog output is set to bipolar zero (BPZ).
When receiving the audio data, the PCM2704/5/6/7 stores the first audio packet, which contains 1 ms of audio
data, into the internal storage buffer. The PCM2704/5/6/7 starts playing the audio data after detecting the next
subsequent start-of-frame (SOF) packet.
Figure 29. Initial Sequence
26
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com