Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 2Page - Texas Instruments PCM2704DB Datasheet HTML 3Page - Texas Instruments PCM2704DB Datasheet HTML 4Page - Texas Instruments PCM2704DB Datasheet HTML 5Page - Texas Instruments PCM2704DB Datasheet HTML 6Page - Texas Instruments PCM2704DB Datasheet HTML 7Page - Texas Instruments PCM2704DB Datasheet HTML 8Page - Texas Instruments PCM2704DB Datasheet HTML 9Page - Texas Instruments PCM2704DB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
Terminal Functions (PCM2704DB/PCM2705DB)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGNDL
12
—
Analog ground for headphone amplifier of L-channel
AGNDR
17
—
Analog ground for headphone amplifier of R-channel
CK
2
O
Clock output for external ROM (PCM2704). Must be left open (PCM2705).
D+
9
I/O
USB differential input/output plus (1)
D–
8
I/O
USB differential input/output minus (1)
DGND
6
—
Digital ground
DOUT
5
O
S/PDIF output
DT
3
I/O
Data input/output for external ROM (PCM 2704). Must be left open with pullup resistor (PCM2705). (1)
HID0/MS
22
I
HID key state input (mute), active HIGH (PCM2704). MS input (PCM2705). (2)
HID1/MC
23
I
HID key state input (volume up), active HIGH (PCM2704). MC input (PCM2705). (2)
HID2/MD
24
I
HID key state input (volume down), active HIGH (PCM2704). MD input (PCM2705). (2)
HOST
21
I
Host detection during self-powered operation (connect to VBUS). Max power select during bus-powered
operation (LOW: 100 mA, HIGH: 500 mA). (3)
PGND
19
—
Analog ground for DAC, OSC, and PLL
PSEL
4
I
Power source select (LOW: self-power, HIGH: bus-power) (1)
SSPND
27
O
Suspend flag, active LOW (LOW: suspend, HIGH: operational)
TEST0
26
I
Test pin. Must be set HIGH (1)
TEST1
25
I
Test pin. Must be set HIGH (1)
VBUS
10
—
Connect to USB power (VBUS) for bus-powered operation. Connect to VDD for self-powered operation.
VCCL
13
—
Analog power supply for headphone amplifier of L-channel (4)
VCCP
20
—
Analog power supply for DAC, OSC, and PLL (4)
VCCR
16
—
Analog power supply for headphone amplifier of R-channel (4)
VCOM
18
—
Common voltage for DAC (VCCP/2). Connect decoupling capacitor to PGND.
VDD
7
—
Digital power supply (4)
VOUTL
14
O
DAC analog output for L-channel
VOUTR
15
O
DAC analog output for R-channel
XTI
28
I
Crystal oscillator input (1)
XTO
1
O
Crystal oscillator output
ZGND
11
—
Ground for internal regulator
(1)
LV-TTL level
(2)
LV-TTL level with internal pulldown
(3)
LV-TTL level, 5-V tolerant
(4)
Connect decoupling capacitor to GND. Supply 3.3 V for self-powered applications.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com