Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 33 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 29Page - Texas Instruments PCM2704DB Datasheet HTML 30Page - Texas Instruments PCM2704DB Datasheet HTML 31Page - Texas Instruments PCM2704DB Datasheet HTML 32Page - Texas Instruments PCM2704DB Datasheet HTML 33Page - Texas Instruments PCM2704DB Datasheet HTML 34Page - Texas Instruments PCM2704DB Datasheet HTML 35Page - Texas Instruments PCM2704DB Datasheet HTML 36Page - Texas Instruments PCM2704DB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PCM2704DB
Active
Production
SSOP (DB) | 28
47 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704
PCM2704DB.B
Active
Production
SSOP (DB) | 28
47 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704
PCM2704DBG4.B
Active
Production
SSOP (DB) | 28
47 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704
PCM2704DBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704
PCM2704DBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2704
PCM2705DB
Active
Production
SSOP (DB) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705
PCM2705DB.B
Active
Production
SSOP (DB) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705
PCM2705DBG4
Active
Production
SSOP (DB) | 28
50 | TUBE
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705
PCM2705DBR
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705
PCM2705DBR.B
Active
Production
SSOP (DB) | 28
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2705
PCM2706PJT
Active
Production
TQFP (PJT) | 32
250 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706
PCM2706PJT.B
Active
Production
TQFP (PJT) | 32
250 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706
PCM2706PJTR
Active
Production
TQFP (PJT) | 32
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706
PCM2706PJTR.B
Active
Production
TQFP (PJT) | 32
1000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-25 to 85
PCM2706
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com