Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DB Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM2704DB
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DB Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM2704DB Datasheet HTML 26Page - Texas Instruments PCM2704DB Datasheet HTML 27Page - Texas Instruments PCM2704DB Datasheet HTML 28Page - Texas Instruments PCM2704DB Datasheet HTML 29Page - Texas Instruments PCM2704DB Datasheet HTML 30Page - Texas Instruments PCM2704DB Datasheet HTML 31Page - Texas Instruments PCM2704DB Datasheet HTML 32Page - Texas Instruments PCM2704DB Datasheet HTML 33Page - Texas Instruments PCM2704DB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Typical Circuit Connection 3 (Example of DSP Surround Processing Amp)
VBUS
(3)
D+
GND
USB ’B’
Connector
D–
C7
R1
SUSPEND
R8
R9
Headphone
31
30
29
28
27
32
26
PGND
VCCP
HOST
(2)
FUNC3
FUNC0
HID0/MS
(4)
HID1/MC
HID2/MD
PCM2707PJT
25
23
22
21
20
19
24
18
17
10
11
12
13
14
91
51
6
2
3
4
5
6
1
7
8
VBUS
D+
D–
VDD
DGND
FUNC1
FUNC2
DOUT
C5
+
C6
C3
C4
X1
C1
C2
R5
+
C8
+
C9
R10
R11
C10
R6
C11
R7
R3
R4
R12
R 2
(3)
DOUT
SYSTEMCLOCK
BCK
MD
MC
MS
LRCK
DIN
T AS300X
(4)
I2S I/FAudioDevice
Power
3.3V
GND
+
(3)
+
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
Figure 34 illustrates a typical circuit connection for an I2S- and SPI-enabled self-powered application.
NOTE: X1: 12-MHz crystal resonator. C1, C2: 10-pF to 33-pF capacitors (depending on load capacitance of crystal resonator). C3, C4: 1-µF
ceramic capacitors. C5, C7: 0.1-µF ceramic capacitor and 10-µF electrolytic capacitor. C6: 10-µF electrolytic capacitors. C8, C9: 100-µF
electrolytic capacitors (depending on required frequency response). C10, C11: 0.022-µF ceramic capacitors. R1, R12: 1 MΩ resistors. R2, R5:
1.5 k
Ω resistors. R3, R4: 22 Ω resistors. R6, R7: 16 Ω resistors. R8-R11: 3.3 kΩ resistors.
(1) Output impedance of VOUTL and VOUTR during suspend mode or lack of power supply is 26 kΩ ±20%, which is the discharge path for C8
and C9.
(2) Descriptor programming through SPI is only available when PSEL and HOST are high.
(3) D+ pull-up must not be activated (HIGH: 3.3V) while the device is detached from USB or power supply is not applied on VDD and VCCx.
VBUS of USB (5V) can be used to detect USB power status.
(4) MS must be high until the PCM2707 power supply is ready and the SPI host (DSP) is ready to send data. Also, the SPI host must handle
the D+ pull-up if the descriptor is programmed through the SPI. D+ pull-up must not be activated (HIGH = 3.3 V) before programming of the
PCM2707 through the SPI is complete.
Figure 34. Self-Powered Application
NOTE:
The circuit illustrated in Figure 34 is for information only. The entire board design
should be considered to meet the USB specification as a USB-compliant product.
30
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com