Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM2704DBR
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR Datasheet(HTML) 2 Page - Texas Instruments

  PCM2704DBR Datasheet HTML 1Page - Texas Instruments PCM2704DBR Datasheet HTML 2Page - Texas Instruments PCM2704DBR Datasheet HTML 3Page - Texas Instruments PCM2704DBR Datasheet HTML 4Page - Texas Instruments PCM2704DBR Datasheet HTML 5Page - Texas Instruments PCM2704DBR Datasheet HTML 6Page - Texas Instruments PCM2704DBR Datasheet HTML 7Page - Texas Instruments PCM2704DBR Datasheet HTML 8Page - Texas Instruments PCM2704DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range unless otherwise noted
(1)
VBUS
–0.3 V to 6.5 V
Supply voltage
VCCP, VCCL, VCCR, VDD
–0.3 V to 4 V
Supply voltage differences
VCCP, VCCL, VCCR, VDD
±0.1 V
Ground voltage differences
PGND, AGNDL, AGNDR, DGND, ZGND
±0.1 V
HOST
–0.3 V to 6.5 V
Digital input voltage
D+, D–, HID0/MS, HID1/MC, HID2/MD, XTI, XTO, DOUT, SSPND, CK, DT,
–0.3 V to (VDD + 0.3) V < 4 V
PSEL, FSEL, TEST, TEST0, TEST1, FUNC0, FUNC1, FUNC2, FUNC3
VCOM
–0.3 V to (VCCP + 0.3) V < 4 V
Analog input voltage
VOUTR
–0.3 V to (VCCR + 0.3) V < 4 V
VOUTL
–0.3 V to (VCCL + 0.3) V < 4 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
–40°C to 125°C
Storage temperature
–55°C to 150°C
Junction temperature
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
VBUS
4.35
5
5.25
Supply voltage
V
VCCP, VCCL, VCCR, VDD
3
3.3
3.6
Digital input logic level
TTL compatible
Digital input clock frequency
11.994
12
12.006
MHz
Analog output load resistance
16
32
Ω
Analog output load capacitance
100
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
C
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com