Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM2704DBR
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM2704DBR Datasheet HTML 35Page - Texas Instruments PCM2704DBR Datasheet HTML 36Page - Texas Instruments PCM2704DBR Datasheet HTML 37Page - Texas Instruments PCM2704DBR Datasheet HTML 38Page - Texas Instruments PCM2704DBR Datasheet HTML 39Page - Texas Instruments PCM2704DBR Datasheet HTML 40Page - Texas Instruments PCM2704DBR Datasheet HTML 41Page - Texas Instruments PCM2704DBR Datasheet HTML 42Page - Texas Instruments PCM2704DBR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.45
0.30
0.2
C A B
28X 0.8
PIN 1 ID
0.09-0.20
TYP
0.15
0.05
0 -7
4X 5.6
9.2
8.8
TYP
0.75
0.45
0.1 C
1.2
1.0
B
7.2
6.8
A
7.2
6.8
0.25
GAGE PLANE
(1)
PLASTIC QUAD FLATPACK
TQFP - 1.2 mm max height
PJT0032A
PLASTIC QUAD FLATPACK
4220861/A 07/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026.
1
8
9
16
17
24
25
32
0.2
C A B
SEE DETAIL A
SEATING PLANE
0.1 C
DETAIL A
SCALE: 15
DETAIL A
TYPICAL
SCALE 1.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com