Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM2704DBR
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM2704DBR Datasheet HTML 19Page - Texas Instruments PCM2704DBR Datasheet HTML 20Page - Texas Instruments PCM2704DBR Datasheet HTML 21Page - Texas Instruments PCM2704DBR Datasheet HTML 22Page - Texas Instruments PCM2704DBR Datasheet HTML 23Page - Texas Instruments PCM2704DBR Datasheet HTML 24Page - Texas Instruments PCM2704DBR Datasheet HTML 25Page - Texas Instruments PCM2704DBR Datasheet HTML 26Page - Texas Instruments PCM2704DBR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
External ROM Example
PCM2704
,, PCM2705
PCM2706, PCM2707
www.ti.com....................................................................................................................................................... SLES081F – JUNE 2003 – REVISED JANUARY 2009
Here is an example of external ROM data, with an explanation of the example following the data.
0xBB, 0x08, 0x04, 0x27,
0x50, 0x72, 0x6F, 0x64, 0x75, 0x63, 0x74, 0x20, 0x73, 0x74, 0x72, 0x69, 0x6E, 0x67, 0x73, 0x2E,
0x56, 0x65, 0x6E, 0x64, 0x6F, 0x72, 0x20, 0x73, 0x74, 0x72, 0x69, 0x6E, 0x67, 0x73, 0x20, 0x61,
0x72, 0x65, 0x20, 0x70, 0x6C, 0x61, 0x63, 0x65, 0x64, 0x20, 0x68, 0x65, 0x72, 0x65, 0x2E, 0x20,
0x80,
0x7D,
0x0A, 0x93, 0x01
The data are stored beginning at address 0x00.
Vendor ID: 0x08BB
Product ID: 0x2704
Product string: Product strings (16 bytes).
Vendor string: Vendor strings are placed here (32 bytes, 31 visible characters are followed by 1 space).
Power attribute (bmAttribute): 0x80 (Bus-powered).
Max power (maxPower): 0x7D (250 mA).
Auxiliary HID usage ID: 0x0A, 0x93, 0x01 (AL A/V capture).
Note that the data bits must be sent from LSB to MSB on the I2C bus. This means that each data byte must be
stored with its bits in reverse order.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com