Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM2704DBR
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM2704DBR Datasheet HTML 20Page - Texas Instruments PCM2704DBR Datasheet HTML 21Page - Texas Instruments PCM2704DBR Datasheet HTML 22Page - Texas Instruments PCM2704DBR Datasheet HTML 23Page - Texas Instruments PCM2704DBR Datasheet HTML 24Page - Texas Instruments PCM2704DBR Datasheet HTML 25Page - Texas Instruments PCM2704DBR Datasheet HTML 26Page - Texas Instruments PCM2704DBR Datasheet HTML 27Page - Texas Instruments PCM2704DBR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Serial Programming Interface (PCM2705/7)
t(MCH)
50% of VDD
MS
t(MLS)
LSB
50% of VDD
50% of VDD
t(MCL)
t(MHH)
t(MLH)
t(MCY)
t(MDH)
t(MDS)
MC
MD
T0013-04
MC
MS
MD
16 Bits
(1) Single Write Operation
MSB
LSB
MSB
(2) Continuous Write Operation
MSB
LSB
MSB
LSB
MSB
LSB
16 Bits y N Frames
MC
MS
MD
N Frames
T0012-02
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
The PCM2705/7 supports the serial programming interface (SPI) to program the descriptor and to set the HID
state. Descriptor data are described in the SubSec1 8.8External ROM Descriptor section.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
50
ns
t(MCH)
MC high-level time
50
ns
t(MHH)
MS high-level time
100
ns
t(MLS)
MS falling edge to MC rising edge
20
ns
t(MLH)
MS hold time
20
ns
t(MDH)
MD hold time
15
ns
t(MDS)
MD setup time
20
ns
Figure 27. SPI Timing Diagram
Figure 28. SPI Write Operation
24
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com