Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS7002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7002 Datasheet(HTML) 3 Page - Texas Instruments

  THS7002 Datasheet HTML 1Page - Texas Instruments THS7002 Datasheet HTML 2Page - Texas Instruments THS7002 Datasheet HTML 3Page - Texas Instruments THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
VCC(L) and
Supply voltage(2)
33
V
VCC(H)
VI
Input voltage
±VCCH
IO
Output current(3)
800
mA
VID
Differential input voltage
±4
V
Total power dissipation at (or below) 25°C free-air temperature(3)
See Dissipation Ratings Table
TJ
Maximum junction temperature
+150
°C
C-suffix
0 to +70
°C
TA
Operating free-air temperature
I-suffix
–40 to +85
°C
Tstg
Storage temperature
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VCC(L) must always be less than or equal to VCC(H).
(3)
The THS6032 incorporates a PowerPAD on the underside of the chip. This acts as a heat sink and must be connected to a
thermally-dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which could permanently damage the device. See the Thermal Information section for more information about using the PowerPAD
thermally-enhanced packages.
DISSIPATION RATINGS
(1)
θJA
θJC
TA = +25°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING
DWP
21.5
0.37
5.8 W
GQE
37.8
4.56
3.3 W
VFP
30
1.2
4.1 W
(1)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a JEDEC standard 4
layer 3 in × 3 in PCB.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC(L) – Class G mode
±3
±5
±VCCH
Supply voltage
VCC(L) – Class AB mode
0
0
0
V
VCC(H)
±5
±15
±16
C-suffix
0
+70
TA
Operating free-air temperature
°C
I-suffix
–40
+85
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com