Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 4 Page - Texas Instruments

Part # THS7002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7002 Datasheet(HTML) 4 Page - Texas Instruments

  THS7002 Datasheet HTML 1Page - Texas Instruments THS7002 Datasheet HTML 2Page - Texas Instruments THS7002 Datasheet HTML 3Page - Texas Instruments THS7002 Datasheet HTML 4Page - Texas Instruments THS7002 Datasheet HTML 5Page - Texas Instruments THS7002 Datasheet HTML 6Page - Texas Instruments THS7002 Datasheet HTML 7Page - Texas Instruments THS7002 Datasheet HTML 8Page - Texas Instruments THS7002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
THS6032
SLOS233F – APRIL 1999 – REVISED AUGUST 2009....................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS
At VCC(L) = ±5 V, VCC(H) = ±15 V, RL = 25 Ω, and TA = +25°C (unless otherwise noted).
THS6032
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
RL = 25 Ω
65
Gain = 1,
MHz
RF = 1.3 kΩ
RL = 100 Ω
100
Small signal bandwidth (–3 dB)
RL = 25 Ω
60
Gain = 2,
MHz
RF = 1.1 kΩ
BW
RL = 100 Ω
70
Gain = 1
30
Bandwidth for 0.1-dB flatness
MHz
Gain = 2
25
Full-power bandwidth(1)
VOPP = 20 V
19
MHz
SR
Slew rate(2)
Gain = 5, VO(PP) = 20 V
1200
V/
μs
Gain = 1, RL = 25 Ω,
120
ts
Settling time to 0.1%
ns
5-V Step
NOISE/DISTORTION PERFORMANCE
VO = 20 V(pp),
–62
Gain = 5, f = 1 MHz
THD
Total harmonic distortion
dBc
VO = 2 V(pp),
–69
Gain = 2, f = 1 MHz
Vn
Input voltage noise
f = 10 kHz
2.4
nV/
√Hz
In+
11
In
Input current noise
f = 10 kHz
nV/
√Hz
In–
15
RL = 150 Ω
0.016%
Gain = 2,
Differential gain error
NTSC
RL = 25 Ω
0.020%
RL = 150 Ω
0.04°
Gain = 2,
Differential phase error
NTSC
RL = 25 Ω
0.30°
f = 1 MHz, Gain = 2,
Crosstalk
–62
dB
RF = 1.1 kΩ
DC PERFORMANCE
Z(t)
Open loop transimpedance
RL = 1 kΩ
2
M
Ω
TA = +25°C
1.5
5
VIO
Input offset voltage
mV
TA = full range
7
Offset voltage drift
10
μV/°C
TA = +25°C
0.5
3
Differential offset voltage
mV
TA = full range
6
TA = +25°C
1.5
9
Negative input bias current
TA = full range
12
IIB
μA
TA = +25°C
1.5
9
Positive input bias current
TA = full range
12
INPUT CHARACTERISTICS
VICR
Input common-mode voltage
±13.2
±13.4
V
CMRR
Common-mode rejection ratio
TA = full range
64
72
dB
Inverting terminal
15
Ω
rI
Input resistance
Noninverting terminal
400
k
Ω
Differential input capacitance
1.4
pF
(1)
Full power bandwidth = slew rate/2
π VPEAK.
(2)
Slew rate is defined from the 25% to the 75% output levels.
4
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com