Electronic Components Datasheet Search
  English  ▼

X  

THS7002 Datasheet(PDF) 13 Page - Texas Instruments

Part # THS7002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS7002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 9Page - Texas Instruments THS7002 Datasheet HTML 10Page - Texas Instruments THS7002 Datasheet HTML 11Page - Texas Instruments THS7002 Datasheet HTML 12Page - Texas Instruments THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
70
60
50
0
0
1
2
3
4
5
6
80
90
RMS − OutputVoltage − V
OUTPUTCURRENTDISTRIBUTION
vs
OUTPUTVOLTAGE
100
7
40
30
20
10
VCC(H) =15V
VI =1MHz
RL =25 Ω
VCC(L) = ±7.5V
VCC(L) = ±5V
ICC(L)
CurrentDraw
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
The THS6032 has been specifically designed for ultra low distortion by careful circuit implementation and by
taking advantage of the superb characteristics of the complementary bipolar process. Driver single-ended
distortion measurements are shown in Figure 11 through Figure 15. It is commonly known that in the differential
driver configuration, the second order harmonics tend to cancel out. Thus, the dominant total harmonic distortion
(THD) will be primarily due to the third order harmonics. Additionally, distortion should be reduced as the
feedback resistance drops. This is because the bandwidth of the amplifier increases, which allows the amplifier
to react faster to any nonlinearities in the closed-loop system.
Another significant point is the fact that distortion decreases as the impedance load increases. This is because
the output resistance of the amplifier becomes less significant as compared to the output load resistance.
One problem that has been receiving a lot of attention in the ADSL area is power dissipation. One way to
substantially reduce power dissipation is to lower the power supply voltages. This is because the RMS voltage of
an ADSL central office signal is 1.65-V RMS at each driver's output with a 1:2 transformer. But, to meet ADSL
requirements, the drivers must have a voltage peak-to-RMS crest factor of 5.6 in order to keep the bit-error
probability rate below 10–7. Hence, the power supply voltages must be high enough to accomplish the driver's
peak output voltage of 1.65 V × 5.6 = 9.25 V(PEAK).
This high peak output voltage requirement, coupled with a low RMS voltage requirement, does not lend itself to
conventional high efficiency designs. One way to save power is to decrease the bias currents internal to the
amplifier. The drawback of doing this is an increase in distortion and a lower frequency response bandwidth.
This is where the THS6032 class-G architecture is useful. The class-G output stage utilizes both a high supply
voltage [VCC(H) typically ± 15 V] and a low supply voltage [(VCC(L) typically ± 6 V]. As long as the output voltage is
less than [VCC(L) – 2.5 V], then part of the output current will be drawn from the VCC(L) supplies. If the output
signal goes above this cutoff point [for example, VO > VCC(L) – 2.5 V], then all of the output current will be
supplied by VCC(H).
To ensure that the cutoff point does not introduce distortion into the system, the entire output stage is always
biased on. This constant biasing scheme will cause a decrease in the efficiency over hard switching class-G
circuits, but the very low distortion results tend to outweigh the efficiency loss. The biasing scheme used in the
THS6032 can be shown by the currents being supplied by the VCC(L) power supplies in Figure 37. This graph
shows there is no discrete current transfer point between the VCC(L) supplies and the VCC(H) supplies. This was
done to ensure low distortion throughout the entire output range. By changing the VCC(L) supply voltage, the
system efficiency can be tailored to suit almost any system with high crest factor requirements.
Figure 37.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com