Electronic Components Datasheet Search
  English  ▼

X  

TLV3501 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV3501
Description  TLV350x 4.5-ns, Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3501 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3501 Datasheet HTML 4Page - Texas Instruments TLV3501 Datasheet HTML 5Page - Texas Instruments TLV3501 Datasheet HTML 6Page - Texas Instruments TLV3501 Datasheet HTML 7Page - Texas Instruments TLV3501 Datasheet HTML 8Page - Texas Instruments TLV3501 Datasheet HTML 9Page - Texas Instruments TLV3501 Datasheet HTML 10Page - Texas Instruments TLV3501 Datasheet HTML 11Page - Texas Instruments TLV3501 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
2
6
4
5
3
Supply Voltage (V)
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
−40 −25
0
125
50
75
100
25
Temperature (°C)
10
0
−10
5
4
3
2
1
0
−1
0
100
40
60
80
20
Time (ns)
Time (ns)
500
0
−500
2
1
0
−1
−2
0
2
4
6
8
10
12
14
16
18
20
9
8
7
6
5
4
3
2
6
4
5
3
Supply Voltage (V)
Rise
Fall
110
90
70
50
Temperature (°C)
−40
100
125
−25
0
25
50
75
8
TLV3501, TLV3502
SBOS321E – MARCH 2005 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV3501 TLV3502
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, and input overdrive = 100 mV, unless otherwise noted.
VCM = 1 V
VOD = 20 mV
Figure 7. Propagation Delay vs Supply Voltage
Figure 8. Wake-Up Delay vs Temperature
VDD = 5 V
VIN = 20 mVPP
Figure 9. Response to 50-MHz Sine Wave
Figure 10. Response to 100-MHz Sine Wave (±2.5-V Dual
Supply into 50-
Ω Oscilloscope Input)
Figure 11. Quiescent Current vs Supply Voltage
Figure 12. Quiescent Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com