Electronic Components Datasheet Search
  English  ▼

X  

TLV3501 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV3501
Description  TLV350x 4.5-ns, Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3501 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV3501 Datasheet HTML 7Page - Texas Instruments TLV3501 Datasheet HTML 8Page - Texas Instruments TLV3501 Datasheet HTML 9Page - Texas Instruments TLV3501 Datasheet HTML 10Page - Texas Instruments TLV3501 Datasheet HTML 11Page - Texas Instruments TLV3501 Datasheet HTML 12Page - Texas Instruments TLV3501 Datasheet HTML 13Page - Texas Instruments TLV3501 Datasheet HTML 14Page - Texas Instruments TLV3501 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
V
IN
V
REF
V
OUT
V
S
0.1µF
2.2µF
TLV3501
11
TLV3501, TLV3502
www.ti.com
SBOS321E – MARCH 2005 – REVISED APRIL 2016
Product Folder Links: TLV3501 TLV3502
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown
A shutdown pin allows the device to go into idle when it is not in use. When the shutdown pin is high, the device
draws approximately 2
μA, and the output goes to high impedance. When the shutdown pin is low, the TLV3501
is active. When the TLV3501 shutdown feature is not used, connect the shutdown pin to the most negative
supply, as shown in Figure 16. Exiting shutdown mode requires approximately 100 ns. The TLV3502 does not
have the shutdown feature.
Figure 16. Basic Connections for the TLV3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com