Electronic Components Datasheet Search
  English  ▼

X  

TLV3501 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV3501
Description  TLV350x 4.5-ns, Rail-to-Rail, High-Speed Comparator in Microsize Packages
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3501 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV3501 Datasheet HTML 8Page - Texas Instruments TLV3501 Datasheet HTML 9Page - Texas Instruments TLV3501 Datasheet HTML 10Page - Texas Instruments TLV3501 Datasheet HTML 11Page - Texas Instruments TLV3501 Datasheet HTML 12Page - Texas Instruments TLV3501 Datasheet HTML 13Page - Texas Instruments TLV3501 Datasheet HTML 14Page - Texas Instruments TLV3501 Datasheet HTML 15Page - Texas Instruments TLV3501 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
V
IN
V
REF
V
OUT
V
S = 5V
0.1µF
2.2µF
TLV3501
R
1 = 51Ω
R
2 = 10kΩ
V
HYST
( V
)
R
R
1
1
R
2
6mV
=
+
x
+
+
12
TLV3501, TLV3502
SBOS321E – MARCH 2005 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TLV3501 TLV3502
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Adding External Hysteresis
The TLV350x has a robust performance when used with a good layout. However, comparator inputs have little
noise immunity within the range of a specified offset voltage (±5 mV). For slow-moving or noisy input signals, the
comparator output can cause an undesirable switch state as input signals move through the switching threshold.
In such applications, the 6 mV of internal hysteresis of the TLV350x might not be sufficient. For greater noise
immunity, external hysteresis can be added by connecting a small amount of feedback to the positive input.
Figure 17 shows a typical topology used to introduce 25 mV of additional hysteresis, for a total of 31-mV
hysteresis when operating from a single 5-V supply. Use Equation 1 to calculate the approximate total hysteresis.
(1)
The total hysteresis, VHYST, sets the value of the transition voltage required to switch the comparator output, by
enlarging the threshold region, thereby reducing sensitivity to noise.
Figure 17. Adding Hysteresis to the TLV350x
8.2 Typical Application
8.2.1 Relaxation Oscillator
The TLV350x can easily be configured as a simple and inexpensive relaxation oscillator. In Figure 18, the R2
network sets the trip threshold at 1/3 and 2/3 of the supply. Because this circuit is a high-speed circuit, the
resistor values are low to minimize the effects of parasitic capacitance. The positive input alternates between 1/3
of V+ and 2/3 of V+, depending on whether the output is low or high. The time to charge (or discharge) is 0.69 ×
R1C. Therefore, the period is 1.38 × R1C. For 62 pF and 1 kΩ as shown in Figure 18, the output is calculated to
10.9 MHz. An implementation of this circuit oscillated at 9.6 MHz. Parasitic capacitance and component
tolerances explain the difference between theory and actual performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com