Electronic Components Datasheet Search
  English  ▼

X  

MAX5083 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5083
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5083 Datasheet HTML 5Page - Maxim Integrated Products MAX5083 Datasheet HTML 6Page - Maxim Integrated Products MAX5083 Datasheet HTML 7Page - Maxim Integrated Products MAX5083 Datasheet HTML 8Page - Maxim Integrated Products MAX5083 Datasheet HTML 9Page - Maxim Integrated Products MAX5083 Datasheet HTML 10Page - Maxim Integrated Products MAX5083 Datasheet HTML 11Page - Maxim Integrated Products MAX5083 Datasheet HTML 12Page - Maxim Integrated Products MAX5083 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
_______________________________________________________________________________________
9
Soft-Start and Reference (SS)
SS is the 1.23V reference bypass connection for the
MAX5082/MAX5083 and also controls the soft-start
period. At startup, after VIN is applied and the internal
and external UVLO thresholds are reached, the device
enters soft-start. During soft-start, 15µA is sourced into
the capacitor (CSS) connected from SS to SGND caus-
ing the reference voltage to ramp up slowly. When VSS
reaches 1.23V the output becomes fully active. Set the
soft-start time (tSS) using the following equation:
where tSS is in seconds and CSS is in Farads.
Internal Charge Pump (MAX5082)
The MAX5082 features an internal charge pump to
enhance the turn-on of the internal MOSFET, allowing
for operation with input voltages down to 4.5V. Connect
a flying capacitor (CF) between C+ and C-, a boost
diode from C+ to BST, as well as a bootstrap capacitor
(CBST) between BST and LX to provide the gate-drive
voltage for the high-side n-channel DMOS switch.
During the on-time, the flying capacitor is charged to
VDVREG. During the off-time, the positive terminal of the
flying capacitor (C+) is pumped to two times VDVREG
and charge is dumped onto CBST to provide twice the
regulator voltage across the high-side DMOS driver.
Use a ceramic capacitor of at least 0.1µF for CBST and
CF located as close to the device as possible.
For applications that do not require a 4.5V minimum
input, use the MAX5083. In this device, the charge
t
VC
A
SS
SS
=
×
123
15
.
µ
MAX5083
1.23V
1.23V
ON/OFF
LDO
EN
IN
REG
SS
FB
THERMAL
SHDN
REF
IN
0.3V
CLK
ILIM
1.23V
REGOK
EN
VREF
VREF
ISS
>1.23V ON
<1.11V OFF
COMP
SYNC
E/A
SSA
CPWM
RAMP
LOGIC
EN
OSC
BOOTSTRAP
CONTROL
PCLK
BST
IN
SGND
LX
DVREG
PGND
SCLK
HIGH-SIDE
CURRENT
SENSE
REF_PFM
PFM
REF_ILIM
ILIM
OVERL
CLK
ILIM
OVERLOAD
MANAGEMENT
Figure 2. MAX5083 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com