Electronic Components Datasheet Search
  English  ▼

X  

MAX5083 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5083
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5083 Datasheet HTML 2Page - Maxim Integrated Products MAX5083 Datasheet HTML 3Page - Maxim Integrated Products MAX5083 Datasheet HTML 4Page - Maxim Integrated Products MAX5083 Datasheet HTML 5Page - Maxim Integrated Products MAX5083 Datasheet HTML 6Page - Maxim Integrated Products MAX5083 Datasheet HTML 7Page - Maxim Integrated Products MAX5083 Datasheet HTML 8Page - Maxim Integrated Products MAX5083 Datasheet HTML 9Page - Maxim Integrated Products MAX5083 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, see Figure 5 (MAX5082) and Figure 6 (MAX5083), TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (A)
0.1
0.01
20
30
40
50
60
70
80
90
100
0
0.001
10
1
VIN = 40V,
VOUT = 5V
MAX5083
VIN = 24V,
VOUT = 5V
VIN = 12V,
VOUT = 5V
VIN = 7.5V,
VOUT = 5V
LOAD-TRANSIENT RESPONSE
MAX5082/3 toc14
VOUT
AC-COUPLED
200m/V/div
ILOAD
1A/div
200
µs/div
VIN = 12V, IOUT = 0.5A TO 1.5A
MAX5082
0
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc15
ILOAD = 40mA
INDUCTOR
CURRENT
200mA/div
VLX
5V/div
2
µs/div
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc16
VLX
5V/div
INDUCTOR CURRENT
100mA/div
2
µs/div
ILOAD = 140mA
0
LX VOLTAGE AND INDUCTOR CURRENT
MAX5082/3 toc17
VLX
5V/div
INDUCTOR CURRENT
500mA/div
2
µs/div
ILOAD = 1A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com