Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments TAS5630B Datasheet HTML 21Page - Texas Instruments TAS5630B Datasheet HTML 22Page - Texas Instruments TAS5630B Datasheet HTML 23Page - Texas Instruments TAS5630B Datasheet HTML 24Page - Texas Instruments TAS5630B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PVDD
GND
/RESET
INPUT_A
INPUT_B
INPUT_C
INPUT_D
/FAULT
/CLIP_OTW
+12V
TPA3251
OC_ADJ
VDD
M2
M1
/CLIP_OTW
/FAULT
INPUT_D
INPUT_C
GND
GND
INPUT_B
INPUT_A
C_START
/RESET
GVDD_AB
GVDD_CD
VBG
DVDD
AVDD
FREQ_ADJ
OSC_IOM
OSC_IOP
PVDD_CD
GND
BST_A
PVDD_AB
GND
OUT_B
BST_B
GND
OUT_C
PVDD_CD
OUT_A
PVDD_AB
GND
BST_C
BST_D
OUT_D
GND
GND
OUT_D
OUT_A
PVDD_AB
PVDD_CD
44
43
42
41
31
27
28
29
30
32
33
34
35
36
40
39
38
37
25
26
23
24
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
19
20
21
22
1µF
1µF
1µF
1µF
470uF
470uF
10µH
10µH
1µF
1µF
1nF
10nF
3R3
10nF
1nF
3R3
33nF
33nF
10µH
10µH
1µF
1µF
1nF
10nF
3R3
10nF
1nF
3R3
33nF
33nF
100nF
3R3
1µF
10nF
1µF
10k
22k
100nF
100nF
3R3
470uF
100nF
10µF
10µF
10µF
10µF
21
TPA3251
www.ti.com
SLASE40D – MAY 2015 – REVISED APRIL 2016
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
TPA3251 can be configured either in stereo BTL mode, 4 channel SE mode, mono PBTL mode, or in 2.1 mixed
1x BTL + 2x SE mode depending on output power conditions and system design.
10.2 Typical Applications
10.2.1 Stereo BTL Application
Figure 25. Typical Differential Input BTL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com