Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments TAS5630B Datasheet HTML 11Page - Texas Instruments TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PVDD - Supply Voltage - V
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
D020
THD+N = 1%
TC = 75qC
2:
4:
8:
TC - Case Temperature - qC
0
25
50
75
100
0
25
50
75
100
125
150
175
200
225
250
275
300
325
350
375
400
D021
THD+N = 10%
2:
4:
8:
f - Frequency - Hz
0.001
0.01
0.1
1
10
20
40k
100
1k
10k
D018
TC = 75qC
1W
50W
150W
PVDD - Supply Voltage - V
10
15
20
25
30
35
40
0
40
80
120
160
200
240
280
320
360
400
D019
THD+N = 10%
TC = 75qC
2:
4:
8:
Po - Output Power - W
0.001
0.01
0.1
1
10
10m
100m
1
10
100
400
D016
TC = 75qC
2:
4:
8:
f - Frequency - Hz
0.0004
0.001
0.01
0.1
1
10
20
20k
100
1k
10k
D017
TC = 75qC
1W
50W
150W
13
TPA3251
www.ti.com
SLASE40D – MAY 2015 – REVISED APRIL 2016
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.11 Typical Characteristics, PBTL Configuration
All Measurements taken at audio frequency = 1kHz, PVDD_X = 36V, GVDD_X = 12V, RL = 2Ω, fS = 600 kHz, ROC = 22kΩ, TC
= 75°C, Output Filter: LDEM = 10μH, CDEM = 1 µF, MODE = 10, AES17 + AUX-0025 measurement filters, unless otherwise
noted.
RL = 2Ω, 4Ω, 8Ω
TC = 75°C
Figure 16. Total Harmonic Distortion+Noise vs Output
Power
RL = 2Ω
P = 1W, 50W, 1.50W
TC = 75°C
Figure 17. Total Harmonic Distortion+Noise vs Frequency
RL = 2Ω
P = 1W, 50W, 150W
TC = 75°C
AUX-0025 filter, 80 kHz analyzer BW
Figure 18. Total Harmonic Distortion+Noise vs Frequency
RL = 2Ω, 4Ω, 8Ω
THD+N = 10%
TC = 75°C
Figure 19. Output Power vs Supply Voltage
RL = 2Ω, 4Ω, 8Ω
THD+N = 1%
TC = 75°C
Figure 20. Output Power vs Supply Voltage
RL = 2Ω, 4Ω, 8Ω
THD+N = 10%
TC = 75°C
Figure 21. Output Power vs Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com