Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 2Page - Texas Instruments TAS5630B Datasheet HTML 3Page - Texas Instruments TAS5630B Datasheet HTML 4Page - Texas Instruments TAS5630B Datasheet HTML 5Page - Texas Instruments TAS5630B Datasheet HTML 6Page - Texas Instruments TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
TPA3251
SLASE40D – MAY 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA3251
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
PVDD_x
Half-bridge supply
DC supply voltage
12
36
38
V
GVDD_x
Supply for logic regulators and gate-drive
circuitry
DC supply voltage
10.8
12
13.2
V
VDD
Digital regulator supply voltage
DC supply voltage
10.8
12
13.2
V
RL(BTL)
Load impedance
Output filter inductance within
recommended value range
2.7
4
Ω
RL(SE)
1.5
3
RL(PBTL)
1.6
2
LOUT(BTL)
Output filter inductance
Minimum output inductance at IOC
5
μH
LOUT(SE)
5
LOUT(PBTL)
5
FPWM
PWM frame rate selectable for AM
interference avoidance; 1% Resistor
tolerance
Nominal
575
600
625
kHz
AM1
475
500
525
AM2
430
450
470
R(FREQ_ADJ)
PWM frame rate programming resistor
Nominal; Master mode
9.9
10
10.1
k
Ω
AM1; Master mode
19.8
20
20.2
AM2; Master mode
29.7
30
30.3
CPVDD
PVDD close decoupling capacitors
1.0
μF
ROC
Over-current programming resistor
Resistor tolerance = 5%
22
30
k
Ω
ROC(LATCHED)
Over-current programming resistor
Resistor tolerance = 5%
47
64
k
Ω
V(FREQ_ADJ)
Voltage on FREQ_ADJ pin for slave
mode operation
Slave mode
3.3
V
TJ
Junction temperature
0
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal data are obtained with 85°C heat sink temperature using thermal compound with 0.7W/mK thermal conductivity and 2mil
thickness. In this model heat sink temperature is considered to be the ambient temperature and only path for dissipation is to the
heatsink.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3251D2
UNIT
DDV 44-PINS HTSSOP
JEDEC STANDARD
4 LAYER PCB
FIXED 85°C
HEATSINK
TEMPERATURE(2)
RθJA
Junction-to-ambient thermal resistance
50.7
2.5(2)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.36
0.2
RθJB
Junction-to-board thermal resistance
24.4
n/a
ψJT
Junction-to-top characterization parameter
0.19
0.5
ψJB
Junction-to-board characterization parameter
24.2
n/a
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com