Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS5630B
Description  TPA3251 175-W Stereo, 350-W Mono PurePath™ Ultra-HD Analog-Input Class-D Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5630B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 34Page - Texas Instruments TAS5630B Datasheet HTML 35Page - Texas Instruments TAS5630B Datasheet HTML 36Page - Texas Instruments TAS5630B Datasheet HTML 37Page - Texas Instruments TAS5630B Datasheet HTML 38Page - Texas Instruments TAS5630B Datasheet HTML 39Page - Texas Instruments TAS5630B Datasheet HTML 40Page - Texas Instruments TAS5630B Datasheet HTML 41Page - Texas Instruments TAS5630B Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
8.3
7.9
42X 0.635
44X
0.27
0.17
2X
13.335
(0.15) TYP
0 - 8
0.15
0.05
1.2
1.0
7.30
6.72
4.43
3.85
0.25
GAGE PLANE
0.75
0.50
A
NOTE 3
14.1
13.9
B
6.2
6.0
(0.15) TYP
NOTE 6
2X (0.6)
NOTE 6
2X (0.3)
NOTE 6
PowerPAD
TSSOP - 1.2 mm max height
DDV0044D
PLASTIC SMALL OUTLINE
4218830/A 08/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-153.
5. The exposed thermal pad is designed to be attached to an external heatsink.
6. Features may differ or may not be present.
PowerPAD is a trademark of Texas Instruments.
TM
1
44
0.08
C A B
23
22
PIN 1 ID
AREA
EXPOSED
THERMAL
PAD
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com