Electronic Components Datasheet Search
  English  ▼

X  

P5000SC Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P5000SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P5000SC Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P5000SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Notes:
·All measurements are made at an ambient temperature of 25℃. IPP applies to -40℃ through +85℃ temperature range.
·Off-state capacitance(CO) is measured at 1 MHz with a 2V bias and is typical value.
·For surge ratings, see table below.
Part
Number
VDRM
(V)
VS
(V)
VT
(V)
IDRM
(μA)
IS
(mA)
IT
(A)
IH
(mA)
CO
(pF)
Marking
P2300SB
190
260
4
5
800
2.2
150
60
P23B
P2300SC
190
260
4
5
800
2.2
150
65
P23C
P2600SA
220
300
4
5
800
2.2
150
35
P26A
P2600SB
220
300
4
5
800
2.2
150
45
P26B
P2600SC
220
300
4
5
800
2.2
150
65
P26C
P3100SA
275
350
4
5
800
2.2
150
35
P31A
P3100SB
275
350
4
5
800
2.2
150
45
P31B
P3100SC
275
350
4
5
800
2.2
150
55
P31C
P3500SA
320
400
4
5
800
2.2
150
30
P35A
P3500SB
320
400
4
5
800
2.2
150
40
P35B
P3500SC
320
400
4
5
800
2.2
150
50
P35C
SMB TSS SERIES 
Thyristor Surge Suppressors
P2000SB
180
220
4
5
800
2.2
150
60
P20B
18
P2000SC
0
220
4
5
800
2.2
150
85
P2300S
P20C
A
190
260
4
5
800
2.2
150
45
P23A
P4000SA
360
460
4
5
800
2.2
150
P40
20
A
P4000SB
360
460
4
5
800
2.2
150
P40
40
B
P4000SC
360
460
4
5
800
2.2
150
P40
45
C
P4500SA
400
540
4
5
800
2.2
150
P45
20
A
P4500SB
400
540
4
5
800
2.2
150
P45
40
B
P4500SC
400
540
4
5
800
2.2
150
P45
45
C
P5000SA
440
600
4
5
800
2.2
150
P50
20
A
P5000SB
440
600
4
5
800
2.2
150
40
P50B
P5000SC
440
600
4
5
800
2.2
150
P50
45
C
http://www.lgesemi.com
Revision:20201230-P3
mail:lge@lgesemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com