Electronic Components Datasheet Search
  English  ▼

X  

P5000SC Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P5000SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P5000SC Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P5000SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
■Maximum Ratings (Ta=25℃ Unless otherwise specified
events within limit
● Fails short circuit when surged in excess of ratings
● Low Capacitanc
SMB TSS SERIES 
Thyristor Surge Suppressors
Features
● Low switching voltage
● Low on-state voltage
● Does not degrade surge capability after multiple surge
e
Typical Applications
● Protect circuit
Mechanical Data
● Package: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
)
PARAMETER
SYMBOL
UNIT
Max
Storage temperature
Tstg
℃
-55~+150
Junction temperature
Tj
℃
-55~+150
Dimensions in inches and (millimeters)
SMB
Part Number Code
x
Peak Pulse
Current-Ipp
8/20μs
P
x
x
S
X
x
A=150A
B=250A
C=400A
Type
S: SMB
Breakdown Voltage
Type
Thermal resistance(Junction to Ambient)
RθJA
℃
100
Thermal resistance(Junction to Lead)
RθJL
℃
20
http://www.lgesemi.com
Revision:20201230-P1
mail:lge@lgesemi.com


Similar Part No. - P5000SC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P5000SC SOCAY-P5000SC Datasheet
356Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
SUNMATE electronic Co.,...
P5000SC SUNMATE-P5000SC Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
logo
UN Semiconducctor INC
P5000SC UNSEMI-P5000SC Datasheet
3Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P5000SC

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
Thyristor Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
Thyristor Surge Suppressors
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
P0060SC2 LEIDITECH-P0060SC2 Datasheet
392Kb / 4P
Thyristor Surge Suppressors
P0300-C2 LEIDITECH-P0300-C2 Datasheet
1Mb / 4P
Thyristor Surge Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com