Electronic Components Datasheet Search
  English  ▼

X  

P5000SC Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P5000SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P5000SC Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P5000SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V
Electrical Characteristics
DRM
Marking
IS
(mA)
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
IDRM
(μA)
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
VT
(V)
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
Part
Number
P0080SA
P0080SB
P0080SC
P0300SA
P0300SB
P0300SC
P0640SA
P0640SB
P0640SC
P0720SA
P0720SB
P0720SC
P0900SA
P0900SB
P0900SC
P1100SA
P1100SB
P1100SC
P1300SA
P1300SB
P1300SC
P1500SA
P1500SB
P1500SC
P1800SA
P1800SB
P1800SC
P2000SA
(V)
6
6
6
25
25
25
58
58
58
65
65
65
75
75
75
90
90
90
120
120
120
140
140
140
170
170
170
180
VS
(V)
25
25
25
40
40
40
77
77
77
88
88
88
98
98
98
130
130
130
160
160
160
180
180
180
220
220
220
220
4
5
800
IH
(mA)
50
50
50
50
50
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
CO
(pF)
45
60
75
45
65
75
35
45
55
50
45
60
40
40
65
35
40
55
35
40
90
40
35
50
40
65
55
40
P008A
P008B
P008C
P03A
P03B
P03C
P06A
P06B
P06C
P07A
P07B
P07C
P09A
P09B
P09C
P11A
P11B
P11C
P13A
P13B
P13C
P15A
P15B
P15C
P18A
P18B
P18C
P20A
SMB TSS SERIES 
Thyristor Surge Suppressors
IT
(A)
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
http://www.lgesemi.com
Revision:20201230-P2
mail:lge@lgesemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com