Electronic Components Datasheet Search
  English  ▼

X  

P5000SC Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P5000SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P5000SC Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P5000SC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd P5000SC Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For individual “SA”, “SB”,and “SC”surge ratings, see table below.
Series
Ipp
2/10us
(A)
Ipp
10/560us
(A)
Ipp
10/1000us
(A)
Min
Min
Min
A
150
50
45
B
250
100
80
C
400
150
100
■ Characteristics (Typical) 
■Ordering Information (Example)
PREFERED P/N
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
P0080S-P4000S
Approximate 0.0975
3000
6000
48000
13” reel
FIG1:V-I Characteristics
Vs
Is
Vdrm
Idrm
Ih
Vt
It
+V
-V
+I
-I
0
0
t(ms)
FIG2: tr*td Pulse Wave-form
150
50
100
tr
Peak Value
Half Value
td
Waveform= tr*td
tr=rise time to peak value
td=decay time to half value
0
-8
-6
Tj(℃)
FIG3:Normalized Vs Change versus Junction Temperature
20
60
100
140
-4
-2
0
2
4
6
8
10
12
14
160
180
-20
-40
25℃
0
Tj(℃)
FIG4:Normalized DC Holding Current
20
60
100
140
1.6
160
180
-20
-40
25℃
1.2
1.0
0.6
2.0
SMB TSS SERIES 
Thyristor Surge Suppressors
150
250
500
Min
Min
Min
Min
Ipp
8
/20us
(A)
90
150
200
Ipp
10
/160us
(A)
20
30
50
500
ITSM
60HZ
(A)
di/dt
(A/μS)
500
500
http://www.lgesemi.com
Revision:20201230-P4
mail:lge@lgesemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com