Electronic Components Datasheet Search
  English  ▼

X  

MP005997 Datasheet(PDF) 6 Page - Multicomp Pro

Part # MP005997
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005997 Datasheet(HTML) 6 Page - Multicomp Pro

Back Button MP005997 Datasheet HTML 2Page - Multicomp Pro MP005997 Datasheet HTML 3Page - Multicomp Pro MP005997 Datasheet HTML 4Page - Multicomp Pro MP005997 Datasheet HTML 5Page - Multicomp Pro MP005997 Datasheet HTML 6Page - Multicomp Pro MP005997 Datasheet HTML 7Page - Multicomp Pro MP005997 Datasheet HTML 8Page - Multicomp Pro MP005997 Datasheet HTML 9Page - Multicomp Pro MP005997 Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page <6>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 5W, 33R, ±5%
MCPRW05WJW330B00
Axial Leaded Wire Wound Resistor, 5W, 39R, ±5%
MP006064
Axial Leaded Wire Wound Resistor, 5W, 47R, ±5%
MCPRW05WJW470B00
Axial Leaded Power Film Resistor, 5W, 56R, ±5%
MP005990
Axial Leaded Power Film Resistor, 5W, 68R, ±5%
MP005991
Axial Leaded Power Film Resistor, 5W, 82R, ±5%
MP005992
Axial Leaded Power Film Resistor, 5W, 100R, ±5%
MP005993
Axial Leaded Power Film Resistor, 5W, 120R, ±5%
MP005994
Axial Leaded Power Film Resistor, 5W, 150R, ±5%
MP005995
Axial Leaded Power Film Resistor, 5W, 180R, ±5%
MP005996
Axial Leaded Power Film Resistor, 5W, 220R, ±5%
MP005997
Axial Leaded Power Film Resistor, 5W, 270R, ±5%
MP005998
Axial Leaded Power Film Resistor, 5W, 330R, ±5%
MCPRW05WJP331B00
Axial Leaded Power Film Resistor, 5W, 390R, ±5%
MP006000
Axial Leaded Power Film Resistor, 5W, 470R, ±5%
MP006001
Axial Leaded Power Film Resistor, 5W, 560R, ±5%
MP006002
Axial Leaded Power Film Resistor, 5W, 680R, ±5%
MP006003
Axial Leaded Power Film Resistor, 5W, 820R, ±5%
MP006004
Axial Leaded Power Film Resistor, 5W, 1K, ±5%
MP006005
Axial Leaded Power Film Resistor, 5W, 1.2K, ±5%
MP006006
Axial Leaded Power Film Resistor, 5W, 1.5K, ±5%
MP006007
Axial Leaded Power Film Resistor, 5W, 1.8K, ±5%
MP006008
Axial Leaded Power Film Resistor, 5W, 2K, ±5%
MCPRW05WJP202B00
Axial Leaded Power Film Resistor, 5W, 2.2K, ±5%
MP006009
Axial Leaded Power Film Resistor, 5W, 2.7K, ±5%
MP006010
Axial Leaded Power Film Resistor, 5W, 3.3K, ±5%
MP006011
Axial Leaded Power Film Resistor, 5W, 3.9K, ±5%
MCPRW05WJP392B00
Axial Leaded Power Film Resistor, 5W, 4.7K, ±5%
MP006013
Axial Leaded Power Film Resistor, 5W, 5.6K, ±5%
MP006014
Axial Leaded Power Film Resistor, 5W, 6.8K, ±5%
MP006015
Axial Leaded Power Film Resistor, 5W, 8.2K, ±5%
MP006016
Axial Leaded Power Film Resistor, 5W, 8.5K, ±5%
MP006017
Axial Leaded Power Film Resistor, 5W, 10K, ±5%
MP006018
Axial Leaded Power Film Resistor, 5W, 11K, ±5%
MP006019
Axial Leaded Power Film Resistor, 5W, 12K, ±5%
MP006020
Axial Leaded Power Film Resistor, 5W, 15K, ±5%
MP006021
Axial Leaded Power Film Resistor, 5W, 33K, ±5%
MCPRW05WJP333B00
Axial Leaded Power Film Resistor, 5W, 39K, ±5%
MCPRW05WJP393B00
Axial Leaded Wire Wound Resistor, 7W, 15R, ±5%
MCPRW07WJW150B00



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com