Electronic Components Datasheet Search
  English  ▼

X  

MP005997 Datasheet(PDF) 9 Page - Multicomp Pro

Part # MP005997
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005997 Datasheet(HTML) 9 Page - Multicomp Pro

Back Button MP005997 Datasheet HTML 3Page - Multicomp Pro MP005997 Datasheet HTML 4Page - Multicomp Pro MP005997 Datasheet HTML 5Page - Multicomp Pro MP005997 Datasheet HTML 6Page - Multicomp Pro MP005997 Datasheet HTML 7Page - Multicomp Pro MP005997 Datasheet HTML 8Page - Multicomp Pro MP005997 Datasheet HTML 9Page - Multicomp Pro MP005997 Datasheet HTML 10Page - Multicomp Pro MP005997 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Page <9>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Power Film Resistor, 10W, 5.6K, ±5%
MP006075
Axial Leaded Power Film Resistor, 10W, 6.8K, ±5%
MP006076
Axial Leaded Power Film Resistor, 10W, 8.2K, ±5%
MP006077
Axial Leaded Power Film Resistor, 10W, 10K, ±5%
MCPRW0AWJP103B00
Axial Leaded Power Film Resistor, 10W, 11K, ±5%
MP006079
Axial Leaded Power Film Resistor, 10W, 12K, ±5%
MP006080
Axial Leaded Power Film Resistor, 10W, 15K, ±5%
MP006081
Axial Leaded Power Film Resistor, 10W, 18K, ±5%
MP006082
Axial Leaded Power Film Resistor, 10W, 22K, ±5%
MP006083
Axial Leaded Power Film Resistor, 10W, 27K, ±5%
MP006084
Axial Leaded Wire Wound Resistor, 15W, 1R, ±5%
MCPRW0FWJW10JB00
Axial Leaded Wire Wound Resistor, 15W, 2R, ±5%
MCPRW0FWJW20JB00
Axial Leaded Wire Wound Resistor, 15W, 4.7R, ±5%
MCPRW0FWJW47JB00
Axial Leaded Wire Wound Resistor, 15W, 10R, ±5%
MCPRW0FWJW100B00
Axial Leaded Wire Wound Resistor, 15W, 27R, ±5%
MCPRW0FWJW270B00
Axial Leaded Wire Wound Resistor, 15W, 30R, ±5%
MCPRW0FWJW300B00
Axial Leaded Wire Wound Resistor, 15W, 47R, ±5%
MCPRW0FWJW470B00
Axial Leaded Wire Wound Resistor, 15W, 390R, ±5%
MCPRW0FWJW391B00
Axial Leaded Wire Wound Resistor, 15W, 430R, ±5%
MCPRW0FWJW431B00
Axial Leaded Wire Wound Resistor, 15W, 1K, ±5%
MCPRW0FWJW102B00
Axial Leaded Wire Wound Resistor, 20W, 3.3R, ±5%
MCPRW020JW33JB00
Axial Leaded Wire Wound Resistor, 20W, 3.9R, ±5%
MCPRW020JW39JB00
Axial Leaded Wire Wound Resistor, 20W, 4.7R, ±5%
MCPRW020JW47JB00
Axial Leaded Wire Wound Resistor, 20W, 5.6R, ±5%
MCPRW020JW56JB00
Axial Leaded Wire Wound Resistor, 20W, 8.2R, ±5%
MCPRW020JW82JB00
Axial Leaded Wire Wound Resistor, 20W, 10R, ±5%
MCPRW020JW100B00
Axial Leaded Wire Wound Resistor, 20W, 100R, ±5%
MCPRW020JW101B00
Axial Leaded Wire Wound Resistor, 25W, 0.2R, ±5%
MP006155
Axial Leaded Wire Wound Resistor, 25W, 0.22R, ±5%
MP006156
Axial Leaded Wire Wound Resistor, 25W, 0.24R, ±5%
MP006157
Axial Leaded Wire Wound Resistor, 25W, 0.27R, ±5%
MP006158
Axial Leaded Wire Wound Resistor, 25W, 0.3R, ±5%
MP006159
Axial Leaded Wire Wound Resistor, 25W, 0.33R, ±5%
MP006160
Axial Leaded Wire Wound Resistor, 25W, 0.36R, ±5%
MP006161
Axial Leaded Wire Wound Resistor, 25W, 0.39R, ±5%
MP006162
Axial Leaded Wire Wound Resistor, 25W, 0.43R, ±5%
MP006163
Axial Leaded Wire Wound Resistor, 25W, 0.47R, ±5%
MP006164
Axial Leaded Wire Wound Resistor, 25W, 0.51R, ±5%
MP006165
Axial Leaded Wire Wound Resistor, 25W, 0.56R, ±5%
MP006166



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com