Electronic Components Datasheet Search
  English  ▼

X  

MP005997 Datasheet(PDF) 10 Page - Multicomp Pro

Part # MP005997
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005997 Datasheet(HTML) 10 Page - Multicomp Pro

Back Button MP005997 Datasheet HTML 3Page - Multicomp Pro MP005997 Datasheet HTML 4Page - Multicomp Pro MP005997 Datasheet HTML 5Page - Multicomp Pro MP005997 Datasheet HTML 6Page - Multicomp Pro MP005997 Datasheet HTML 7Page - Multicomp Pro MP005997 Datasheet HTML 8Page - Multicomp Pro MP005997 Datasheet HTML 9Page - Multicomp Pro MP005997 Datasheet HTML 10Page - Multicomp Pro MP005997 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page <10>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 25W, 0.62R, ±5%
MP006167
Axial Leaded Wire Wound Resistor, 25W, 0.68R, ±5%
MP006168
Axial Leaded Wire Wound Resistor, 25W, 0.75R, ±5%
MP006169
Axial Leaded Wire Wound Resistor, 25W, 0.82R, ±5%
MP006170
Axial Leaded Wire Wound Resistor, 25W, 0.91R, ±5%
MP006171
Axial Leaded Wire Wound Resistor, 25W, 1R, ±5%
MP006172
Axial Leaded Wire Wound Resistor, 25W, 1.2R, ±5%
MP006173
Axial Leaded Wire Wound Resistor, 25W, 1.5R, ±5%
MP006174
Axial Leaded Wire Wound Resistor, 25W, 2R, ±5%
MCPRW025JW20JB00
Axial Leaded Wire Wound Resistor, 25W, 2.2R, ±5%
MP006176
Axial Leaded Wire Wound Resistor, 25W, 2.7R, ±5%
MCPRW025JW27JB00
Axial Leaded Wire Wound Resistor, 25W, 3R, ±5%
MCPRW025JW30JB00
Axial Leaded Wire Wound Resistor, 25W, 3.3R, ±5%
MP006179
Axial Leaded Wire Wound Resistor, 25W, 3.9R, ±5%
MCPRW025JW39JB00
Axial Leaded Wire Wound Resistor, 25W, 4.7R, ±5%
MCPRW025JW47JB00
Axial Leaded Wire Wound Resistor, 25W, 5.1R, ±5%
MP006182
Axial Leaded Wire Wound Resistor, 25W, 5.6R, ±5%
MP006183
Axial Leaded Wire Wound Resistor, 25W, 6.8R, ±5%
MCPRW025JW68JB00
Axial Leaded Wire Wound Resistor, 25W, 8.2R, ±5%
MP006185
Axial Leaded Wire Wound Resistor, 25W, 10R, ±5%
MP006186
Axial Leaded Wire Wound Resistor, 25W, 15R, ±5%
MCPRW025JW150B00
Axial Leaded Wire Wound Resistor, 25W, 20R, ±5%
MCPRW025JW200B00
Axial Leaded Wire Wound Resistor, 25W, 27R, ±5%
MCPRW025JW270B00
Axial Leaded Wire Wound Resistor, 25W, 30R, ±5%
MCPRW025JW300B00
Axial Leaded Wire Wound Resistor, 25W, 39R, ±5%
MP006191
Axial Leaded Wire Wound Resistor, 25W, 47R, ±5%
MP006192
Axial Leaded Wire Wound Resistor, 25W, 62R, ±5%
MP006193
Axial Leaded Wire Wound Resistor, 25W, 75R, ±5%
MP006194
Axial Leaded Wire Wound Resistor, 25W, 82R, ±5%
MCPRW025JW820B00
Axial Leaded Wire Wound Resistor, 25W, 100R, ±5%
MCPRW025JW101B00
Axial Leaded Wire Wound Resistor, 25W, 120R, ±5%
MP006196
Axial Leaded Wire Wound Resistor, 25W, 150R, ±5%
MP006197
Axial Leaded Wire Wound Resistor, 25W, 180R, ±5%
MP006198
Axial Leaded Wire Wound Resistor, 25W, 220R, ±5%
MP006199
Axial Leaded Wire Wound Resistor, 25W, 270R, ±5%
MP006200
Axial Leaded Wire Wound Resistor, 25W, 330R, ±5%
MCPRW025JW331B00
Axial Leaded Wire Wound Resistor, 25W, 390R, ±5%
MP006202
Axial Leaded Wire Wound Resistor, 25W, 470R, ±5%
MCPRW025JW471B00
Axial Leaded Wire Wound Resistor, 25W, 560R, ±5%
MP006204



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com