Electronic Components Datasheet Search
  English  ▼

X  

MP005997 Datasheet(PDF) 11 Page - Multicomp Pro

Part # MP005997
Description  Cement Fixed Resistors Axial Leaded
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP005997 Datasheet(HTML) 11 Page - Multicomp Pro

Back Button MP005997 Datasheet HTML 3Page - Multicomp Pro MP005997 Datasheet HTML 4Page - Multicomp Pro MP005997 Datasheet HTML 5Page - Multicomp Pro MP005997 Datasheet HTML 6Page - Multicomp Pro MP005997 Datasheet HTML 7Page - Multicomp Pro MP005997 Datasheet HTML 8Page - Multicomp Pro MP005997 Datasheet HTML 9Page - Multicomp Pro MP005997 Datasheet HTML 10Page - Multicomp Pro MP005997 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Page <11>
V1.0
05/01/21
Cement Fixed Resistors
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Axial Leaded Wire Wound Resistor, 25W, 680R, ±5%
MP006205
Axial Leaded Wire Wound Resistor, 25W, 820R, ±5%
MCPRW025JW821B00
Axial Leaded Wire Wound Resistor, 25W, 1K, ±5%
MCPRW025JW102B00
Axial Leaded Wire Wound Resistor, 25W, 1.2K, ±5%
MP006208
Axial Leaded Power Film Resistor, 25W, 1.5K, ±5%
MP006145
Axial Leaded Power Film Resistor, 25W, 1.8K, ±5%
MP006146
Axial Leaded Power Film Resistor, 25W, 2.2K, ±5%
MP006147
Axial Leaded Power Film Resistor, 25W, 2.3K, ±5%
MP006148
Axial Leaded Power Film Resistor, 25W, 2.7K, ±5%
MP006149
Axial Leaded Power Film Resistor, 25W, 3.9K, ±5%
MP006150
Axial Leaded Power Film Resistor, 25W, 4.7K, ±5%
MP006151
Axial Leaded Power Film Resistor, 25W, 5.6K, ±5%
MP006152
Axial Leaded Power Film Resistor, 25W, 6.8K, ±5%
MP006153
Axial Leaded Power Film Resistor, 25W, 8.2K, ±5%
MP006154
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com