Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 33 Page - Texas Instruments

Part # DLPC3435
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3435 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 29Page - Texas Instruments DLPC3435 Datasheet HTML 30Page - Texas Instruments DLPC3435 Datasheet HTML 31Page - Texas Instruments DLPC3435 Datasheet HTML 32Page - Texas Instruments DLPC3435 Datasheet HTML 33Page - Texas Instruments DLPC3435 Datasheet HTML 34Page - Texas Instruments DLPC3435 Datasheet HTML 35Page - Texas Instruments DLPC3435 Datasheet HTML 36Page - Texas Instruments DLPC3435 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
33
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.5.8 Regulation Current MSB, SW6
Figure 23. Regulation Current MSB, SW6, Address = 07h, HEX = 00
7
6
5
4
3
2
1
0
SW6MSB [63:56]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
(1)
The DLPA2000 can use up to code 0x0FFh for SW6_IDAC[9:0].
Table 17. Regulation Current MSB, SW6 Field Descriptions(1)
BIT
FIELD
Type
Reset
Description
63:58
SW6MSB
R/W
0000
TBD
57:56
R/W
0000
SW6_IDAC<9:8>
7.5.9 Regulation Current LSB, SW6
Figure 24. Regulation Current LSB, SW6, Address = 08h, HEX = 00
7
6
5
4
3
2
1
0
SW6LSB [71:64]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Table 18. Regulation Current LSB, SW6 Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
71:64
SW6LSB
R/W
00000000
SW6_IDAC<7:0>
(1)
Values shown are for a typical DLPA2000 unit at T = 25°C. Typical step size is 0.95 mA for RLIM = 100 mΩ.
(2)
The DLPA2000 can use up to code 0x307h for SW6_IDAC[9:0].
Table 19. Regulation Current LSB, SW6 Bit Definitions
DLPA2000(1)(2)
SW6_IDAC[9:0]
LED CURRENT
SW6_IDAC[9:0]
LED CURRENT
SW6_IDAC[9:0]
LED CURRENT
0x000h
0 mA
0x100h
257 mA
0x200h
500 mA
0x00Ch
25 mA
0x101h
258 mA
0x201h
501 mA
0x00Dh
26 mA
0x102h
259 mA
0x202h
502 mA
...
...
...
...
...
...
0x0FEh
255 mA
0x1FEh
498 mA
0x306h
749 mA
0x0FFh
256 mA
0x1FFh
499 mA
0x307h
750 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com