Electronic Components Datasheet Search
  English  ▼

X  

DLPC3435 Datasheet(PDF) 6 Page - Texas Instruments

Part # DLPC3435
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3435 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 2Page - Texas Instruments DLPC3435 Datasheet HTML 3Page - Texas Instruments DLPC3435 Datasheet HTML 4Page - Texas Instruments DLPC3435 Datasheet HTML 5Page - Texas Instruments DLPC3435 Datasheet HTML 6Page - Texas Instruments DLPC3435 Datasheet HTML 7Page - Texas Instruments DLPC3435 Datasheet HTML 8Page - Texas Instruments DLPC3435 Datasheet HTML 9Page - Texas Instruments DLPC3435 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
DLPA2000
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Estimated when mounted on high K JEDEC board per JESD 51-7 with thickness of 1.6 mm, 4 layers, size of 76.2 mm × 114.3 mm, and
2-oz. copper for top and bottom plane. Actual thermal impedance will depend on PCB used in the application.
6.5 Thermal Information
THERMAL METRIC(1)
DLPA2000
UNIT
YFF (DSBGA)
56 PINS
RθJA
Junction-to-ambient thermal resistance(2)
45
°C/W
(1)
Fully functional but limited parametric performance
(2)
Including rectifying diode
(3)
To reduce ripple the COUT can be increased. VRIPPLE is inversely proportional to COUT.
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted) (see
(1) (2))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLIES
INPUT VOLTAGE
VI
Input voltage range
VINA, VINR, VINL, VINC
2.7
3.6
6
V
Extended input voltage range(1)
2.3
3.6
6
VLOW_BAT
Low-battery warning threshold
VINA falling
3
V
Hysteresis
VINA rising
100
mV
Vhys(UVLO)
Undervoltage lockout threshold
VINA falling (through 5-bit trim function)
2.3
4.5
V
Hysteresis
VINA rising
100
mV
VSTARTUP
Startup voltage
VBIAS, VOFS, VRST; loaded with 2 mA
2.5
V
INPUT CURRENT
IQ
ACTIVE mode
Motor current excluded
15
mA
ISTD
STANDBY mode
900
µA
IIDLE
IDLE mode
10
µA
INTERNAL SUPPLIES
VV6V
Internal supply, analog
6.25
V
CLDO_V6V
Filter capacitor for V6V LDO
100
nF
VV2V5
Internal supply, logic
2.5
V
CLDO_V2V5
Filter capacitor for V2V5 LDO
2.2
µF
DMD REGULATOR
RDS(ON)
MOSFET ON-resistance
Switch E (from VINR to SWN)
1000
mΩ
Switch F (from SWP to PGNDR)
320
VFW
Forward voltage drop
Switch G(2) (from SWP to VBIAS)
VINR = 5 V, VSWP = 2 V, IF = 100 mA
1.3
V
Switch H (from SWP to VOFS)
VINR = 5 V, VSWP = 2 V, IF = 100 mA
1.3
tDIS
Rail discharge time
VIN = 2.9 V; COUT = 110 nF
40
µs
tPG
Power-good timeout
Not tested in production
6
ms
ILIMIT
Switch current limit
312
mA
L
Inductor value
10
µH
VOFS REGULATOR
VOFS
Output voltage
10
V
DC output voltage accuracy
IOUT = 2 mA
–2%
2%
DC load regulation
VIN = 3.6 V, IOUT = 0 to 2 mA
–19
V/A
DC line regulation
VINA, VINL, VINR, VINC 2.7 to 6.0 V, IOUT =
2 mA
35
mV/V
VRIPPLE
Output ripple
VIN = 3.6 V, IOUT = 2 mA, COUT = 440 nF
(3)
375
mVpp
IOUT
Output current
0
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com